Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTT6030-1EKA Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTT6030-1EKA
Description  Smart High-Side Power Switch
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6030-1EKA Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTT6030-1EKA Datasheet HTML 3Page - Infineon Technologies AG BTT6030-1EKA Datasheet HTML 4Page - Infineon Technologies AG BTT6030-1EKA Datasheet HTML 5Page - Infineon Technologies AG BTT6030-1EKA Datasheet HTML 6Page - Infineon Technologies AG BTT6030-1EKA Datasheet HTML 7Page - Infineon Technologies AG BTT6030-1EKA Datasheet HTML 8Page - Infineon Technologies AG BTT6030-1EKA Datasheet HTML 9Page - Infineon Technologies AG BTT6030-1EKA Datasheet HTML 10Page - Infineon Technologies AG BTT6030-1EKA Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
BTT6030-1EKA
Pin Configuration
Data Sheet
7
Rev. 1.1, 2015-03-04
PROFET™+ 24V
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin Configuration
3.2
Pin Definitions and Functions
Pin
Symbol
Function
Cooling Tab
VS
Voltage Supply;
Battery voltage
1, 2, 7, 8, 9, 13, 14 NC
Not Connected;
No internal connection to the chip
3GND
GrouND;
Ground connection
4IN
INput channel;
Input signal for channel activation
5DEN
Diagnostic ENable;
Digital signal to enable/disable the diagnosis of the device
6IS
Sense;
Sense current of the selected channel
10, 11, 12
OUT
OUTput;
Protected high side power output channel1)
1) All output pins must be connected together on the PCB. All pins of the output are internally connected together. PCB traces
have to be designed to withstand the maximum current which can flow.
Pinout single SO14.vsd
NC
NC
OUT
OUT
OUT
NC
NC
NC
NC
GND
IN
DEN
IS
NC
14
13
12
11
10
9
8
1
2
3
4
5
6
7


Similar Part No. - BTT6030-1EKA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTT6030-1ERA INFINEON-BTT6030-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 31 m廓
Rev.1.00 2019-03-09
More results

Similar Description - BTT6030-1EKA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com