Electronic Components Datasheet Search |
|
SMT15F-12S1V2J Datasheet(PDF) 2 Page - Artesyn Technologies |
|
SMT15F-12S1V2J Datasheet(HTML) 2 Page - Artesyn Technologies |
2 / 5 page Rev.06.28.07 SMT15F_12_FIXED 2 of 5 Embedded Power for Business-Critical Continuity All specifications are typical at nominal input, full load at 25 °C unless otherwise stated. Specifications OUTPUT SPECIFICATIONS Voltage adjustability (Trimmable) ±10% Setpoint accuracy ±2.5% typ. Line regulation ±1.0% typ. Load regulation ±1.0% typ. Total error band ±3.0% typ. Minimum load 0 A Overshoot/undershoot None Ripple and noise 5 Hz to 20 MHz 40 mV pk-pk 25 mV rms Temperature co-efficient ±0.01%/ °C Transient response di/dt 200 A/μs 7.5 A load step (1.2 Vout) (See Note 3) 50 mV max. deviation <10 μs recovery to within ±1.0% Remote sense 10% Vo compensation INPUT SPECIFICATIONS Input voltage range 10.8 Vdc to 13.2 Vdc Input current No load 100 mA Input current (max.) 2.0 A max. @ Io max. and Vout = 1. 2 V Input reflected ripple 100 mA rms Remote ON/OFF (See Note 1) Start-up time 5 ms EMC CHARACTERISTICS Electrostatic discharge EN61000-4-2, IEC801-2 Conducted immunity EN61000-4-6 Radiated immunity EN61000-4-3 GENERAL SPECIFICATIONS Efficiency Vin = 12 V, Vout = 1.8 V 88% typ. Insulation voltage Non-isolated Switching frequency Variable 700 kHz typ. Vin = 12 V, Vout = 1.2 V Approvals and EN60950 standards UL/cUL60950 Material flammability UL94V-0 Dimensions (LxWxH) 33.02 x 13.46 x 7.57 mm 1.3 x 0.53 x 0.298 inches Weight 7 g (0.25 oz) Coplanarity 100 μm MTBF Telcordia SR-332 16,529,000 hours ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating ambient, -40 °C to +85 °C (See Figure 1) temperature Non-operating -40 °C to +125 °C PROTECTION Short-circuit Continuous Thermal Automatic recovery |
Similar Part No. - SMT15F-12S1V2J |
|
Similar Description - SMT15F-12S1V2J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |