Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9172F-33CT Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9172F-33CT
Description  3A FIXED OUTPUT VOLTAGE LDO REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9172F-33CT Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9172F-33CT Datasheet HTML 1Page - Richtek Technology Corporation RT9172F-33CT Datasheet HTML 2Page - Richtek Technology Corporation RT9172F-33CT Datasheet HTML 3Page - Richtek Technology Corporation RT9172F-33CT Datasheet HTML 4Page - Richtek Technology Corporation RT9172F-33CT Datasheet HTML 5Page - Richtek Technology Corporation RT9172F-33CT Datasheet HTML 6Page - Richtek Technology Corporation RT9172F-33CT Datasheet HTML 7Page - Richtek Technology Corporation RT9172F-33CT Datasheet HTML 8Page - Richtek Technology Corporation RT9172F-33CT Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
RT9172
Preliminary
www.richtek-ic.com.tw
DS9172-03 April 2002
4
Absolute Maximum Ratings
Input Voltage
6V
Power Dissipation
Internally Limited
ESD Rating
3 kV
Storage Temperature Range
−65°C to 150°C
Lead Temperature (Soldering, 5 sec.)
260
°C
Package Thermal Resistance
TO-263,
θJC
8
°C/W
TO-263,
θJA
19.4
°C/W
TO-220,
θJC
8
°C/W
TO-220,
θJA
62
°C/W
SOT-223,
θJC
15
°C/W
SOT-223,
θJA
60
°C/W
Junction Temperature Range
-40
°C to +125°C
Electrical Characteristics
(Limits in standard typeface are for TA = 25
°C, unless otherwise specified: VIN = VO(NOM) + 1.0V, IL = 10mA, COUT =
10µF (Ceramic), VEN = VIN)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output Voltage Tolerance
-1.5
0
+1.5
%
Input Voltage Range
VIN
2.25
--
6
V
Line Regulation
∆VLINE
VOUT + 0.4V
< VIN < 6.0V
--
0.35
0.8
%
Note 1
--
0.4
1
Load Regulation
∆VLOAD
Note 2
--
0.1
0.3
%
IL = 300mA
--
50
70
Dropout Voltage
VDROP
IL = 3A
--
400
700
mV
Quiescent Current
IQ
--
1.2
3
mA
Shutdown Supply Current
IGSD
VEN = 0V
--
0.5
5
µA
Peak Output Current
IO(PEAK)
3.5
5
--
A
Short Circuit Protection
Current Limit
ILIMIT
3.5
5
--
A
Over Temperature Protection
Shutdown Threshold
TSD
Guaranteed by design
--
170
--
°C
Thermal Shutdown Hysteresis
Guaranteed by design
--
10
--
°C
Shutdown Function
Output = High
1.2
VIN
--
EN Pin Shutdown Threshold
VEN
Output = Low
--
0
0.4
V
EN Input Current
VEN = VIN
--
0.1
--
nA
FLG Pin Leakage Current
ILEAKAGE
--
1
--
nA
FLG Pin Sink Current
VFLG = 0.5V
2--
--
mA
Note 1: RT9172-CX, RT9172F-XXCX5, 10mA < IL < 3A
Note 2: RT9172S-XXCX5, RT9172N-XXCX5, 10mA < IL < 3A


Similar Part No. - RT9172F-33CT

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172F-33GG RICHTEK-RT9172F-33GG Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172F-33GG RICHTEK-RT9172F-33GG Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172F-33GM RICHTEK-RT9172F-33GM Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172F-33GM RICHTEK-RT9172F-33GM Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172F-33GM5 RICHTEK-RT9172F-33GM5 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
More results

Similar Description - RT9172F-33CT

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
logo
Anaren Microwave
MSK5142 ANAREN-MSK5142 Datasheet
424Kb / 9P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
MSK5144 ANAREN-MSK5144 Datasheet
373Kb / 7P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
   3A LDO VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com