Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPS25-M Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NPS25-M
Description  Medical and ITE safety approvals
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NPS25-M Datasheet(HTML) 1 Page - Artesyn Technologies

  NPS25-M Datasheet HTML 1Page - Artesyn Technologies NPS25-M Datasheet HTML 2Page - Artesyn Technologies NPS25-M Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
NPS20-M Series
40 Watts
Total Power: 25 - 40 Watts
Input Voltage: 90 - 264 Vac
127 - 300 Vdc
# of Outputs: Single
SPECIAL FEATURES
ƒ
Medical and ITE safety approvals
ƒ
Universal input
ƒ
Less than 1U high
ƒ
2” x 4” footprint
ƒ
Remote sense
ƒ
Overload and short circuit
protection
ƒ
Adjustable output voltage
ƒ
High efficiency
ƒ
High MTBF
ƒ
Built in EMI filter
(CISPR 22 Class B)
ƒ
International Efficiency Level V,
Energy Star 2.0 & CeC compliant
(NPS22-M < 38 Watt output)
ƒ
Less than 300 mW no-load power
consumption
ƒ
0 ˚C to +80 ˚C operation
ƒ
Input power < 49 watts
ƒ
Complies with EN61000-3-2
ƒ
Class I approved
ƒ
Class II approved (with Class A EMI)
ƒ
LPX100 enclosure kit available
ƒ
Dual AC fuses
ƒ
RoHS compliant
SAFETY
ƒ
TUV:
60950, 60601-1
ƒ
UL:
60950, 60601-1
ƒ
CSA:
60950, 60601-1
ƒ
NEMKO: 60950, 60601-1
ƒ
CB:
Certificate and report
ƒ
CE:
Mark (LVD)
ƒ
CQC:
Mark
Electrical Specifications
Input
Input range
90 - 264 Vac (wide range) 127 - 300 Vdc
Frequency
47 - 440 Hz
Inrush current
< 50 A peak @ 230 Vac, cold start @ 25 °C
Input power
< 49 Watts
Efficiency
87% average (as per Energy Star 2.0 standard) (NPS22-M, 80%)
EMI/RFI
FCC Class B conducted; CISPR 22 Class B conducted; EN55022
Class B conducted, VDE0878PT3 Class B conducted
Safety ground
leakage current
275 µA @ 50/60 Hz; 264 Vac input
Output
Maximum power
25 W for convection. 40 W with 200LFM forced air
Adjustment range
± 20% minimum (-10%, +20% for NPS22-M)
Hold-up time
10/20 ms 115/230 Vac input line
Overload protection
Short circuit protection on all outputs. Case overload protected @
110 - 160% of normal rating, (110% - 190% for NPS28-M)
Overvoltage protection
30 - 50% above nominal output
Remote sense
Compensated for 0.5 V lead drop max. Will operate without remote
sense connected. Reverse connection protected.
Data Sheet


Similar Part No. - NPS25-M

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NPS25 NAINA-NPS25 Datasheet
156Kb / 2P
   Improved glass passivation for high reliability
More results

Similar Description - NPS25-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NPT40 EMERSON-NETWORKPOWER-NPT40 Datasheet
435Kb / 4P
   Medical and ITE Safety Approvals
logo
FSP TECHNOLOGY INC.
FSP042-1K40M1 FSP-FSP042-1K40M1 Datasheet
142Kb / 1P
   Medical and ITE approvals
FSP042-3K13M1 FSP-FSP042-3K13M1 Datasheet
143Kb / 1P
   Medical and ITE approvals
FSP042-3K20M1 FSP-FSP042-3K20M1 Datasheet
115Kb / 1P
   Medical and ITE approvals
FSP100-1K70M1 FSP-FSP100-1K70M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP100-1K00M1 FSP-FSP100-1K00M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
FSP060-1K40M1 FSP-FSP060-1K40M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP060-3K10M1 FSP-FSP060-3K10M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP060-3K15M1 FSP-FSP060-3K15M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP060-3K90M1 FSP-FSP060-3K90M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com