Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLP65-7610J Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NLP65-7610J
Description  Single, Dual and Triple Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP65-7610J Datasheet(HTML) 3 Page - Artesyn Technologies

  NLP65-7610J Datasheet HTML 1Page - Artesyn Technologies NLP65-7610J Datasheet HTML 2Page - Artesyn Technologies NLP65-7610J Datasheet HTML 3Page - Artesyn Technologies NLP65-7610J Datasheet HTML 4Page - Artesyn Technologies NLP65-7610J Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NLP65 Series Data Sheet
Output
Voltage
Output Current
Ripple(4)
Total
Regulation(6)
Non-Harmonic
Corrected
Harmonic
Corrected
Ground
Pin (12, 14, 17)
Max(1)
Peak(3)
Fan(10)
+5 V (IA)
7.5 A
9.1 A
8 A
50 mV
±2.0%
NLP65-7608J
NLP65-9608J(a)
NLP65-X608GJ
+12 V (IB)
2.5 A
3.3 A
3 A
150 mV
±5.0%
–12 V
0.65 A
0.81 A
0.8 A
120 mV
±5.0%
+5 V (IA)
7.5 A
9.1 A
8 A
50 mV
±2.0%
NLP65-7610J
NLP65-9610J
NLP65-X610GJ
+15 V (IB)
2.2 A
2.9 A
2.5 A
150 mV
±5.0%
–15 V
0.65 A
0.85 A
0.8 A
150 mV
±5.0%
+5 V
7.0 A
9.1 A
8.0 A
50 mV
±2.0%
NLP65-3322J(15)
+24 V
1.5 A
2.6 A
2.0 A
240 mV
±5.0%
+12 V
0.7 A
1.0 A
1.0 A
120 mV
±5.0%
+5 V (IA)
7 A
9.1 A
8 A
50 mV
±2.0%
NLP65-7620J
NLP65-9620J
NLP65-X620GJ
+24 V (IB)
2 A
2.6 A
2 A
240 mV
±5.0%
+5 V (IA)
7 A
9.1 A
8 A
50 mV
±2.0%
NLP65-7629J
NLP65-9629J
NLP65-X629GJ
+12 V (IB)
2.5 A
3.3 A
3 A
150 mV
±5.0%
+5 V
10 A
13 A
12 A
50 mV
±2.0%
NLP65-7605J
NLP65-9605J
NLP65-X605GJ
+12 V
5.4 A
7 A
6.5 A
120 mV
±2.0%
NLP65-7612J
NLP65-9612J
NLP65-X612GJ
+24 V
2.7 A
3.5 A
3.5 A
240 mV
±2.0%
NLP65-7624J
NLP65-9624J
NLP65-X624GJ
Notes
1. Natural convection cooling. Models NLP65-X629J, NLP65-X608J, NLP65-X610J must not exceed 62.5 Watts continuous output power with
natural convection. Model NLP65-X620J not to exceed 65 Watts continuous output power with natural convection. Model NLP65-3322J must
not exceed 60 Watts continuous output power with natural convection.
2. When the input voltage is less than 90 Vac the operating temperature range is 0 °C to +40 °C. The ripple and regulation specifications may not
be met.
3. Peak output current lasting less than 60 seconds with duty cycle less than 5%. During peak loading, output voltage may exceed total regulation
limits.
4. Figure is peak-to-peak for convection power rating. Output noise measurements are made across a 20 MHz bandwidth using a 6 inch twisted
pair, terminated with a 10 µF electrolytic capacitor and a 0.1 µF ceramic capacitor.
5. Three orthogonal axes, random vibration 10 minutes for each axes, 2.4 G rms 5 Hz to 500 Hz.
6. A minimum load on the main output is required for proper start up. For multiple outputs and single +5V output, the minimum load on the +5 V is
0.2 A. For single outputs greater than +5 V the minimum load is 0.1 A. To maintain stated regulation then:
for single output units
I ≥ 0.2 A
for multiple output units
0.25≤I(A)/I(B)≤ 5, for I(A) ≥ 0.2 A.
7. For optimum reliability, no part of the heatsink should exceed 120 °C, and no semiconductor case temperature should exceed 130 °C.
8. CAUTION: Allow a minimum of 1 second after disconnecting line power when making thermal measurements.
9. This product is a Component Power Supply and is only for inclusion by professional installers within other equipment and must not be operated
as a standalone product. EMC compliance to appropriate standards must be verified at the system level. This product is for sale to OEMs and
System Integrators, including through Distribution Channels. It is not intended for sale to End Users.
10. Maximum continuous output power for all multiple output models must not exceed 75 Watts (70 watts for NLP65-3322J) with 20 CFM forced
air cooling.


Similar Part No. - NLP65-7610J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP65-7610J EMERSON-NETWORKPOWER-NLP65-7610J Datasheet
343Kb / 4P
   Universal Input
More results

Similar Description - NLP65-7610J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP40-76T366J ARTESYN-NLP40-76T366J Datasheet
607Kb / 5P
   Single, Dual and Triple Output
NAL25-7608 ARTESYN-NAL25-7608 Datasheet
70Kb / 2P
   Single, dual and triple output
NLP65-9605GJ ARTESYN-NLP65-9605GJ Datasheet
614Kb / 5P
   Single, Dual and Triple Output
NLP150H ARTESYN-NLP150H Datasheet
119Kb / 4P
   Single, dual, triple and quad output
CL40 ARTESYN-CL40 Datasheet
49Kb / 2P
   Single and triple output
NFS40-7607 ARTESYN-NFS40-7607 Datasheet
461Kb / 4P
   SIngle and triple output
logo
List of Unclassifed Man...
NFN40 ETC-NFN40 Datasheet
49Kb / 3P
   Single and triple output
FEC40 ETC-FEC40 Datasheet
148Kb / 2P
   OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT
logo
Recom International Pow...
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RP20-123.3SE RECOM-RP20-123.3SE_06 Datasheet
99Kb / 4P
   20 Watt Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com