Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLP65-9624J Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NLP65-9624J
Description  Single, Dual and Triple Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP65-9624J Datasheet(HTML) 1 Page - Artesyn Technologies

  NLP65-9624J Datasheet HTML 1Page - Artesyn Technologies NLP65-9624J Datasheet HTML 2Page - Artesyn Technologies NLP65-9624J Datasheet HTML 3Page - Artesyn Technologies NLP65-9624J Datasheet HTML 4Page - Artesyn Technologies NLP65-9624J Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
POWER
NLP65 Series
Single, Dual and Triple Output
Total Power: 65 - 75 W
Input Voltage: 85 - 264 Vac
120 - 370 Vdc*
# of Outputs: Single, dual, triple
SPECIAL FEATURES
ƒ
Universal input
ƒ
3” x 5” footprint
ƒ
Low profile fits 1U applications
ƒ
EN61000-3-2 compliance option (HCC)
ƒ
Overvoltage and short circuit protection
ƒ
65 W with free air convection cooling
ƒ
EN55022, EN55011 conducted
emissions level B
ƒ
EN61000-4-2,-3,-4, -5, -6
immunity compliant
ƒ
RoHS compliant
ƒ
LPX80 enclosure kit available
ƒ
Two year warranty
SAFETY
ƒ
VDE0805/EN60950-1
File No. 1040100-3336-0096
ƒ
License No. 114404
ƒ
UL
60950-1
ƒ
cUL
60950-1
ƒ
CCC
60950-1
ƒ
CE
LVD Directive
*NLP65-76xx version only
Electrical Specifications
Input
Input voltage range
Universal input (see Note 2)
NLP65-76xx version only
85 - 264 Vac
120 - 370 Vdc
Input frequency range
47 - 63 Hz
Input current
(cold start)
120 Vac
230 Vac
17 A max.
32 A max
Safety ground leakage current
120 Vac, 60 Hz
230 Vac, 50 Hz
0.7 mA
1.4 mA
Input current
120 Vac, with PFC
230 Vac, with PFC
120 Vac, without PFC
230 Vac, without PFC
1.4 A
0.51 A rms
1.40 A rms
0.80 A rms
Input fuse
UL/IEC127
5 A, 250 Vac In live and neutral
Output
Total regulation
(line and load)
Main output
Auxiliary outputs
±2.0%
±5.0%
Rise time
At turn-on
1.0 s, max
Transient response
Main output
25% step
at 0.1 A/µs
5.0% or 250 mV
max. dev., 1ms max.
recovery to 1%
Temperature coefficient
±0.02%/°C
Overvoltage protection
Main outputs
125%, ±10%
Short circuit protection
Cyclic operation
Continuous
Minimum output current
Single and multiple
(See Note 6)
Data Sheet


Similar Part No. - NLP65-9624J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP65-9624J EMERSON-NETWORKPOWER-NLP65-9624J Datasheet
343Kb / 4P
   Universal Input
More results

Similar Description - NLP65-9624J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP40-76T366J ARTESYN-NLP40-76T366J Datasheet
607Kb / 5P
   Single, Dual and Triple Output
NAL25-7608 ARTESYN-NAL25-7608 Datasheet
70Kb / 2P
   Single, dual and triple output
NLP65-9605GJ ARTESYN-NLP65-9605GJ Datasheet
614Kb / 5P
   Single, Dual and Triple Output
NLP150H ARTESYN-NLP150H Datasheet
119Kb / 4P
   Single, dual, triple and quad output
CL40 ARTESYN-CL40 Datasheet
49Kb / 2P
   Single and triple output
NFS40-7607 ARTESYN-NFS40-7607 Datasheet
461Kb / 4P
   SIngle and triple output
logo
List of Unclassifed Man...
NFN40 ETC-NFN40 Datasheet
49Kb / 3P
   Single and triple output
FEC40 ETC-FEC40 Datasheet
148Kb / 2P
   OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT
logo
Recom International Pow...
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RP20-123.3SE RECOM-RP20-123.3SE_06 Datasheet
99Kb / 4P
   20 Watt Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com