Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLP40-7617J Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NLP40-7617J
Description  Single, Dual and Triple Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP40-7617J Datasheet(HTML) 3 Page - Artesyn Technologies

  NLP40-7617J Datasheet HTML 1Page - Artesyn Technologies NLP40-7617J Datasheet HTML 2Page - Artesyn Technologies NLP40-7617J Datasheet HTML 3Page - Artesyn Technologies NLP40-7617J Datasheet HTML 4Page - Artesyn Technologies NLP40-7617J Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NLP40 Series Data Sheet
Output
Voltage
Output Current
Ripple(3)
Total
Regulation
Model Number(11,12)
Max(1)
Peak(2)
Fan(1)
+3.3 V (IA)
4 A
5 A
4.5 A
50 mV
±2.0%
NLP40-76T366J(5)
+12 V (IB)
2 A
3 A
3 A
120 mV
±5.0%
–12 V (IC)
0.2 A
1 A
0.5 A
120 mV
±5.0%
+5 V (IA)
4 A
5 A
4.5 A
50 mV
±2.0%
NLP40-7608J(5)
+12 V (IB)
2 A
3 A
3 A
120 mV
±5.0%
–12 V (IC)
0.2 A
1 A
0.5 A
120 mV
±5.0%
+5 V (IA)
4 A
5 A
4.5 A
50 mV
±2.0%
NLP40-7610J(5)
+15 V (IB)
1.6 A
2 A
2 A
150 mV
±5.0%
–15 V (IC)
0.2 A
1 A
0.5 A
150 mV
±5.0%
+12 V (IA)
1.8 A
2.2 A
2.1 A
120 mV
±2.0%
NLP40-7627J(5)
-12 V (IB)
1.8 A
2.2 A
2.1 A
120 mV
±5.0%
+5 V (IA)
4 A
5 A
4.5 A
50 mV
±2.0%
NLP40-7629J(5)
+12 V (IB)
2 A
3 A
3 A
120 mV
±5.0%
3.3 V (IA)
8 A
10 A
9 A
50 mV
±2.0%
NLP40-76S3J
5 V
8 A
10 A
9 A
50 mV
±2.0%
NLP40-7605J
12 V
3.3 A
4.5 A
4 A
120 mV
±2.0%
NLP40-7612J
15 V
2.6 A
3.6 A
3.3 A
150 mV
±2.0%
NLP40-7615J
24 V
1.6 A
2.5 A
2 A
240 mV
±2.0%
NLP40-7624J
48 V
0.8 A
1.1 A
1 A
300 mV
±2.0%
NLP40-7617J
Notes
1. Maximum output power is 40 W for natural convection cooling. With 20 CFM fan cooling, the maximum output power is 50 W.
2. Peak output current lasting less than 60 seconds with duty cycle less than 5%. During peak loading, output voltage may exceed total reg. limits.
3. Figure is peak-to-peak. Output noise measurements are made across a 50 MHz bandwidth using a 12 inch twisted pair, terminated with a 47 µF
capacitor.
4. Three orthogonal axes, random vibration 10 minutes for each axes, 2.4 G rms 5 Hz to 500 Hz.
5. For multiple output units (except -7627J, 76T366J) to maintain stated regulation then:
0.25 ≤ IA / IB ≤5, for IB > 0.3 A
0.50 ≤ IA / IB ≤5, for IB < 0.3 A
For maximum output current I(C) on triple output models, i.e. for IC = IMax., I Amin. ≥0.5 A and IA ≥ IB.
For NLP40-7627J only, to maintain stated regulation then: 0.5 ≤ IA/ IB ≤ 2.
For NLP40-76T366J only, to maintain stated regulation then: 0.25 ≤ IA/ IB ≤ 4.
6. For optimum reliability, no part of the heatsink should exceed 120 °C, and no semiconductor case temperature should exceed 130 °C.
7. CAUTION: Allow a minimum of 1 second after disconnecting line power when making thermal measurements.
8. This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product.
9. When the input voltage is <90 Vac the operating range is 0 °C to +40 °C.
10. For system EMI compliance, a ground choke may be required before connecting the ground wire to the chassis. It is recommended that this
ground choke be placed as close as possible to the systems ac inlet to eliminate noise pick-up in the system.
11. The ‘J’ suffix indicates that these parts are Pb-free (RoHS6/6) compliant. TSE RoHS 5/6 (non Pb-free) compliantversions may be available on
special request, please contact your local sales representative for details.
12. NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/power to find a suitable alternative.
13. This product is a Component Power Supply and is only for inclusion by professional installers within other equipment and must not be operated
as a standalone product. EMC compliance to appropriate standards must be verified at the system level. This product is for sale to OEMs and
System Integrators, including through Distribution Channels. It is not intended for sale to End Users.


Similar Part No. - NLP40-7617J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP40-7617J EMERSON-NETWORKPOWER-NLP40-7617J Datasheet
91Kb / 3P
   40-50 W AC/DC Universal Input Switch Mode Power Supplies
More results

Similar Description - NLP40-7617J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP65-7608J ARTESYN-NLP65-7608J Datasheet
614Kb / 5P
   Single, Dual and Triple Output
NAL25-7608 ARTESYN-NAL25-7608 Datasheet
70Kb / 2P
   Single, dual and triple output
NLP65-9605GJ ARTESYN-NLP65-9605GJ Datasheet
614Kb / 5P
   Single, Dual and Triple Output
NLP150H ARTESYN-NLP150H Datasheet
119Kb / 4P
   Single, dual, triple and quad output
CL40 ARTESYN-CL40 Datasheet
49Kb / 2P
   Single and triple output
NFS40-7607 ARTESYN-NFS40-7607 Datasheet
461Kb / 4P
   SIngle and triple output
logo
List of Unclassifed Man...
NFN40 ETC-NFN40 Datasheet
49Kb / 3P
   Single and triple output
FEC40 ETC-FEC40 Datasheet
148Kb / 2P
   OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT
logo
Recom International Pow...
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RP20-123.3SE RECOM-RP20-123.3SE_06 Datasheet
99Kb / 4P
   20 Watt Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com