Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34906A Datasheet(PDF) 5 Page - Keysight Technologies

Part # 34906A
Description  Data Acquisition/Switch Unit Family
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

34906A Datasheet(HTML) 5 Page - Keysight Technologies

  34906A Datasheet HTML 1Page - Keysight Technologies 34906A Datasheet HTML 2Page - Keysight Technologies 34906A Datasheet HTML 3Page - Keysight Technologies 34906A Datasheet HTML 4Page - Keysight Technologies 34906A Datasheet HTML 5Page - Keysight Technologies 34906A Datasheet HTML 6Page - Keysight Technologies 34906A Datasheet HTML 7Page - Keysight Technologies 34906A Datasheet HTML 8Page - Keysight Technologies 34906A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
Unequaled ease of use
From the simplified configuration to the graphical Web
interface in the 34972A, we put in extra time and energy
so you don’t have to. Simple things like on-module screw-
terminal connectors, built-in thermocouple reference junc-
tions, well-organized user documentation full of examples
and hints, and a standard Getting Started kit that will have
you making measurements in just a few minutes all add up
to increased productivity, whether you use the instrument
every day or only now and then.
Custom configurations that grow with you
Three module slots and eight switch/control modules allow
you to customize the 34970A/34972A to meet your unique
requirements. Buy only what you need—and add more
modules later as your application grows.
34970A and 34972A are compatible
The 34972A LXI Data Acquisition/Switch Unit is an LXI
version of the 34970A. It replaces the GPIB and RS-232
interfaces with modern connectivity for a direct connection
to your PC or Laptop.
The 8 plug-in modules can be used with either unit—so all
the measurements and wiring are compatible. The 34972A
can be easily integrated into an existing test program with a
simple change to the instrument address. Since the 34972A
code is a superset of the 34970A code, once the instrument
address is changed, the test program will run as normal.
Example:
Change:
Set inst1.IO = ioMgr.Open(“GPIB0::9::INSTR”)
To:
Set inst1.IO = ioMgr.Open(“TCPIP0::156.140.77.230::inst0::
INSTR”)
34970A 34972A
Support 8 plug-in modules
LabView drivers
IVI-C, IVI-COM drivers
BenchLink Data Logger
Optional BenchLink Data Logger Pro
Graphical Web interface
Gigabit LAN
USB 2.0
USB memory port
GPIB
RS-232


Similar Part No. - 34906A

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3490 ASM-SENSOR-3490 Datasheet
1Mb / 2P
   ANALOG MW HiTESTER
logo
List of Unclassifed Man...
3490 ETC2-3490 Datasheet
230Kb / 1P
   FEMALE THREADED STANDOFFS
3490 ETC2-3490 Datasheet
211Kb / 1P
   FEMALE THREADED STANDOFFS
3490 ETC2-3490 Datasheet
93Kb / 2P
   THREADED STANDOFFS
logo
Heyco.
3490 HEYCO-3490 Datasheet
106Kb / 1P
   Beaded Ties
More results

Similar Description - 34906A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34901A KEYSIGHT-34901A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
34904A KEYSIGHT-34904A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
34907A KEYSIGHT-34907A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
34908A KEYSIGHT-34908A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
34970A KEYSIGHT-34970A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
34903A KEYSIGHT-34903A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
34902A KEYSIGHT-34902A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
34972A KEYSIGHT-34972A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
logo
Hitachi Semiconductor
HD46508 HITACHI-HD46508 Datasheet
1Mb / 20P
   ADU(Analog Data Acquisition Unit)
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
   Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com