Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34925T Datasheet(PDF) 10 Page - Keysight Technologies

Part # 34925T
Description  Multifunction Switch/Measure Unit
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

34925T Datasheet(HTML) 10 Page - Keysight Technologies

Back Button 34925T Datasheet HTML 6Page - Keysight Technologies 34925T Datasheet HTML 7Page - Keysight Technologies 34925T Datasheet HTML 8Page - Keysight Technologies 34925T Datasheet HTML 9Page - Keysight Technologies 34925T Datasheet HTML 10Page - Keysight Technologies 34925T Datasheet HTML 11Page - Keysight Technologies 34925T Datasheet HTML 12Page - Keysight Technologies 34925T Datasheet HTML 13Page - Keysight Technologies 34925T Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10 | Keysight | 34980A Multifunction Switch/Measure Unit - Data Sheet
Multiple multiplexers can connect to the built-in analog buses, allowing you to scan up
to 560 2-wire channels or 640 1-wire channels in a single mainframe. The 34921A also
offers 4 channels for directly measuring current. Or if you need more current channels,
shunts can be added to the terminal block for easy current measurements.
The multiplexer modules feature break-before-make connections to ensure that no two
signals are connected to each other during a scan. Or, if you prefer, you can control
switching manually to create your own switch coniguration. All the multiplexer switches
have a relay counter to help predict when relays need to be replaced.
NOTE
: The 34923A and 34924A have 100 ohm input protection resistors that limit
current and protect the reed relays.
Figure 5. 34923A 40-channel reed multiplexer (bank 1 shown)
Figure 6. 34925A 40/80-channel optically isolated FET mux (shown in 1-wire mode bank 2)


Similar Part No. - 34925T

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
34925 FESTO-34925 Datasheet
90Kb / 1P
   Pneumatic valve
logo
Tyco Electronics
349256-000 MACOM-349256-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
Keysight Technologies
34925A KEYSIGHT-34925A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
More results

Similar Description - 34925T

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34931T KEYSIGHT-34931T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34946A KEYSIGHT-34946A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34947A KEYSIGHT-34947A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34933T KEYSIGHT-34933T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34939A KEYSIGHT-34939A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34945A KEYSIGHT-34945A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34951A KEYSIGHT-34951A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34942A KEYSIGHT-34942A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
logo
Agilent(Hewlett-Packard...
34980A HP-34980A Datasheet
1Mb / 31P
   Multifunction Switch/Measure Unit
logo
Keysight Technologies
34924T KEYSIGHT-34924T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34925A KEYSIGHT-34925A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com