Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34933A Datasheet(PDF) 4 Page - Keysight Technologies

Part # 34933A
Description  Multifunction Switch/Measure Unit
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

34933A Datasheet(HTML) 4 Page - Keysight Technologies

  34933A Datasheet HTML 1Page - Keysight Technologies 34933A Datasheet HTML 2Page - Keysight Technologies 34933A Datasheet HTML 3Page - Keysight Technologies 34933A Datasheet HTML 4Page - Keysight Technologies 34933A Datasheet HTML 5Page - Keysight Technologies 34933A Datasheet HTML 6Page - Keysight Technologies 34933A Datasheet HTML 7Page - Keysight Technologies 34933A Datasheet HTML 8Page - Keysight Technologies 34933A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
04 | Keysight | 34980A Multifunction Switch/Measure Unit - Data Sheet
Measurements you can trust
Get proven performance from Keysight instruments, with the resolution, repeatability,
speed, and accuracy you’ve come to expect.
The 34980A offers built-in signal conditioning and modular lexibility. When you use it
with the internal DMM, you can conigure each channel independently for the measure-
ments you choose. It includes a variety of features that give you conidence in your
measurements:
– 6½ digits of resolution with .004% of accuracy with DC voltage measurements
Alarms per channel—high limit, low limit, or both
Math functions—use Mx+B for custom linear conversions and converting raw inputs
– Built-in thermocouple reference for temperature measurements (34921T)
– Time-stamped readings
– Add more formulas with BenchLink Data Logger Software
The integrated DMM is mounted inside the mainframe and does not consume any of
the eight user-available slots. You can access the DMM through any switch module that
connects to the analog bus, or directly from the analog bus connector on the rear of the
mainframe. The internal DMM gives you the lexibility to measure 11 types of inputs:
– Temperature with thermocouples, RTDs, or thermistors (with 34921A)
– DC and AC voltage
– 2- and 4-wire resistance
– Frequency and period
– DC and AC current
You can control the DMM directly, or conigure it to work in conjunction with the
switches. Each switch channel can be conigured independently for measurement
functions, scale factors and alarm limits. Advanced measurement features such as
offset compensation, variable integration time, and delay are also selectable on a
per-channel basis.
The DMM inputs are shielded and optically isolated from the 34980A’s earth-referenced
circuitry and computer interface, and as a result, you get up to 300 V of input isolation.
This is important for reducing ground-loops and common-mode voltage errors
associated with long wiring runs and loating sources.
Simple DMM calibration is accomplished with just the analog bus connection on the
rear panel of the mainframe. You don’t need to remove the mainframe from the rack or
dedicate a channel for calibration.
Modules provide lexible system stimulus and control
System control—with analog outputs, open-collector digital outputs, clock genera-
tion, and isolated Form-C relays for controlling external devices. Additionally, with the
microwave switch/attenuator driver, high-frequency switches and attenuators can be
eficiently controlled external to the 34980A mainframe.
Analog sources—output either voltage or current. You can conigure the 4-channel
isolated D/A converter as a point-to-point arbitrary waveform generator that lets you
deine up to 500,000 points per waveform.
Digital patterns—send or receive digital data from your device under test. With onboard
memory you can output communication protocols and bit streams or monitor digital
input patterns and interrupt when a user-deined pattern is detected.


Similar Part No. - 34933A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34933T KEYSIGHT-34933T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
More results

Similar Description - 34933A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34931T KEYSIGHT-34931T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34946A KEYSIGHT-34946A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34947A KEYSIGHT-34947A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34933T KEYSIGHT-34933T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34939A KEYSIGHT-34939A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34945A KEYSIGHT-34945A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34951A KEYSIGHT-34951A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34942A KEYSIGHT-34942A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
logo
Agilent(Hewlett-Packard...
34980A HP-34980A Datasheet
1Mb / 31P
   Multifunction Switch/Measure Unit
logo
Keysight Technologies
34924T KEYSIGHT-34924T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34925A KEYSIGHT-34925A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com