Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34933A Datasheet(PDF) 8 Page - Keysight Technologies

Part # 34933A
Description  Multifunction Switch/Measure Unit
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

34933A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button 34933A Datasheet HTML 4Page - Keysight Technologies 34933A Datasheet HTML 5Page - Keysight Technologies 34933A Datasheet HTML 6Page - Keysight Technologies 34933A Datasheet HTML 7Page - Keysight Technologies 34933A Datasheet HTML 8Page - Keysight Technologies 34933A Datasheet HTML 9Page - Keysight Technologies 34933A Datasheet HTML 10Page - Keysight Technologies 34933A Datasheet HTML 11Page - Keysight Technologies 34933A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
08 | Keysight | 34980A Multifunction Switch/Measure Unit - Data Sheet
Mix and Match 34980A Modules to Create Your Own Custom Coniguration
The 34980A mainframe holds up to eight plug-in modules. Mix and match them to create a custom system to meet your switching
and system control needs. You can easily add or replace modules as your needs change.s
Table 1. 34980A modules at a glance
Module
Description
Max volts
Switch/Carry
current
BW (MHz)
Scan
ch/sec
Thermal
offset
Comments
Multiplexer modules
34921A
40-channel armature multiplexer w/low
thermal offset
± 300 V
1A/2A
45 MHz
100
< 3 μV
Temperature reference
4 current channels
Conig as 2- or 4-wire
34922A
70-channel armature multiplexer
± 300 V
1A/2A
25 MHz
100
< 3 μV
Conig as 2- or 4-wire
34923A
40/80-channel reed multiplexer
± 150 V
0.5A/1.5A
45 MHz
500
< 50 μV
Conig as 1-, 2- or 4-wire
34924A
70-channel reed multiplexer
± 150 V
0.5A/1.5A
25 MHz
500
< 50 μV
Conig as 2- or 4-wire
34925A
40/80-channel optically isolated
FET multiplexer
± 80 V
0.02A
1 MHz
1000
< 3 μV
Conig as 1-, 2- or 4-wire
Matrix modules
34931A
Dual 4x8 armature matrix
± 300 V
1A/2A
30 MHz
100
< 3 μV
Backplane expandable
34932A
Dual 4x16 armature matrix
± 300 V
1A/2A
30 MHz
100
< 3 μV
Backplane expandable
34933A
Dual/Quad 4x8 reed matrix
± 150 V
0.5A/1.5A
30 MHz
500
< 50 μV
Backplane expandable
Conig as 1- or 2-wire
34934A
Quad 4x32 reed matrix
+/–100V
0.5A/0.5A
20MHz
500
< 50 μV
Row expansion kit.
Conig as 1- or 2-wire
General-purpose modules
34937A
28-channel Form C and
4-channel Form A
+/–300 V
+/–250 VAC
1A/2A
5 A
10 MHz
N/A
< 3 μV
< 3 μV
34938A
20-channel 5-amp Form A
+/–250 VAC
5A/8A
1 MHz
N/A
< 3 μV
34939A
64-channels Form A
+/–100V
1A/2A
10MHz
N/A
< 3 μV
Module
Description
Insertion
loss
Isolation
Freq range
VSWR
Input
impedence Comments
RF and microwave modules
34941A
Quad 1x4 50 ohm 3 GHz RF multiplexer
0.6 dB
> 58 dB
3 GHz
< 1.25
50 Ω
@ 1 GHz
34942A
Quad 1x4 75 ohm 1.5 GHz RF multiplexer
0.6 dB
> 60 dB
1.5 GHz
< 1.35
75 Ω
@ 1 GHz
34945A/
34945EXT
Microwave switch/attenuator driver
Can drive up to 64 external switch coils; 32 SPDT switches, 8 multiport switches,
8 attenuators, or your own combination. Expand with additional 34945EXTs.
34946A
Dual 1x2 SPDT terminated
microwave switch
< 0.42 dB
< 0.69 dB
< 0.8 dB
> 85 dB
> 67 dB
> 60 dB
4 GHz or
20 GHz
26.5 GHz
< 1.15
< 1.30
< 1.6
50 Ω
@ 4 GHz
@ 20 GHz
@ 26.5GHz
34947A
Triple 1x2 SPDT unterminated
microwave switch
< 0.42 dB
< 0.69 dB
< 0.8 dB
> 85 dB
> 67 dB
> 60 dB
4 GHz or
20 GHz
26.5 GHz
< 1.15
< 1.30
< 1.6
50 Ω
@ 4 GHz
@ 20 GHz
@ 26.5GHz
System control modules
Description
34950A
64-bit digital I/O with memory
and counter
Eight 8-bit digital I/O channels with programmable polarity, thresholds up to 5 V,
with handshaking protocols and pattern memory. Two 10 MHz frequency counter and
programmable clock output to 20 MHz.
34951A
4-channel isolated D/A converter
with waveform memory
Output DC voltage up to ± 16 V or DC current up to ± 20 mA.
Output waveforms with a 200 kHz update rate and 16 bits of resolution.
Use on-board memory to create point-to-point waveforms with more than 500,000 points.
34952A
Multifunction module with 32-bit DIO,
2-ch D/A and totalizer
Four 8-bit digital I/O channels, two ± 12-V analog outputs, and a 100 kHz gated totalizer.
34959A
Breadboard module
Create your own custom designs with access to the +12 V and +5 V supplies,
16 GPIO ports and 28 relay drive lines.


Similar Part No. - 34933A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34933T KEYSIGHT-34933T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
More results

Similar Description - 34933A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34931T KEYSIGHT-34931T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34946A KEYSIGHT-34946A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34947A KEYSIGHT-34947A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34933T KEYSIGHT-34933T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34939A KEYSIGHT-34939A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34945A KEYSIGHT-34945A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34951A KEYSIGHT-34951A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34942A KEYSIGHT-34942A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
logo
Agilent(Hewlett-Packard...
34980A HP-34980A Datasheet
1Mb / 31P
   Multifunction Switch/Measure Unit
logo
Keysight Technologies
34924T KEYSIGHT-34924T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34925A KEYSIGHT-34925A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com