Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2274 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ASM3P2274
Description  Multiplier EMI Reduction IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2274 Datasheet(HTML) 5 Page - ON Semiconductor

  ASM3P2274_15 Datasheet HTML 1Page - ON Semiconductor ASM3P2274_15 Datasheet HTML 2Page - ON Semiconductor ASM3P2274_15 Datasheet HTML 3Page - ON Semiconductor ASM3P2274_15 Datasheet HTML 4Page - ON Semiconductor ASM3P2274_15 Datasheet HTML 5Page - ON Semiconductor ASM3P2274_15 Datasheet HTML 6Page - ON Semiconductor ASM3P2274_15 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ASM3P2274A
www.onsemi.com
5
Table 10. TYPICAL CRYSTAL SPECIFICATIONS
Fundamental AT Cut Parallel Resonant Crystal
Rating
Nominal Frequency
14.31818 MHz
Frequency Tolerance
±50 ppm or Better at 25°C
Operating Temperature Range
−25 to +85
°C
Storage Temperature
−40 to +85
°C
Load Capacitance (CP)
18 pF
Shunt Capacitance
7 pF Maximum
ESR
25
W
NOTE: CL is Load Capacitance and Rx is used to prevent oscillations at overtone frequency of the Fundamental frequency.
Figure 4. Typical Crystal Interface Circuit
R
CL
Crystal
CL
Rx
CL = 2 ⋅ (CP − CS)
Where: CL = Load Capacitance of Crystal
CS = Stray Capacitance due to CIN, PCB, Trace, etc.
Figure 5. Typical Application Schematic
VDD
C1
0.1
mF
C2
2.2
mF
VSS
VDD
ModOUT
Rs
ModOUT Clock
ASM3P2274A


Similar Part No. - ASM3P2274_15

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2274A PULSECORE-ASM3P2274A Datasheet
156Kb / 8P
   Low Power 4X Multiplier EMI Reduction IC
logo
ON Semiconductor
ASM3P2274A ONSEMI-ASM3P2274A Datasheet
139Kb / 7P
   4X Multiplier EMI Reduction IC
JANUARY 2010 ??Rev. 2
ASM3P2274AF-06OR ONSEMI-ASM3P2274AF-06OR Datasheet
139Kb / 7P
   4X Multiplier EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2274AG-06-OR PULSECORE-ASM3P2274AG-06-OR Datasheet
156Kb / 8P
   Low Power 4X Multiplier EMI Reduction IC
More results

Similar Description - ASM3P2274_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM3P2274A ONSEMI-ASM3P2274A Datasheet
139Kb / 7P
   4X Multiplier EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2274A PULSECORE-ASM3P2274A Datasheet
156Kb / 8P
   Low Power 4X Multiplier EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2183A ALSC-ASM3P2183A Datasheet
177Kb / 8P
   EMI Reduction IC
ASM3P2185A ALSC-ASM3P2185A Datasheet
388Kb / 7P
   EMI Reduction IC
ASM3P2185B ALSC-ASM3P2185B Datasheet
174Kb / 7P
   EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2183A PULSECORE-ASM3P2183A Datasheet
189Kb / 8P
   EMI Reduction IC
logo
ON Semiconductor
ASM3P2183A ONSEMI-ASM3P2183A Datasheet
121Kb / 6P
   EMI Reduction IC
August, 2011 ??Rev. 3
P2041A ONSEMI-P2041A Datasheet
112Kb / 7P
   Versatile EMI Reduction IC
August, 2011 ??Rev. 2
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
   Peak EMI Reduction IC
October, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com