Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E116FNG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10E116FNG
Description  5V ECL Quint Differential Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E116FNG Datasheet(HTML) 1 Page - ON Semiconductor

  MC10E116FNG Datasheet HTML 1Page - ON Semiconductor MC10E116FNG Datasheet HTML 2Page - ON Semiconductor MC10E116FNG Datasheet HTML 3Page - ON Semiconductor MC10E116FNG Datasheet HTML 4Page - ON Semiconductor MC10E116FNG Datasheet HTML 5Page - ON Semiconductor MC10E116FNG Datasheet HTML 6Page - ON Semiconductor MC10E116FNG Datasheet HTML 7Page - ON Semiconductor MC10E116FNG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 11
1
Publication Order Number:
MC10E116/D
MC10E116, MC100E116
5 V ECL Quint Differential
Line Receiver
Description
The MC10E/100E116 is a quint differential line receiver with
emitter-follower outputs. For applications which require bandwidths
greater than that of the E116, the E416 device may be of interest.
Active current sources plus a deep collector feature of the MOSAIC
III process provide the receivers with excellent common-mode noise
rejection. Each receiver has a dedicated VCCO supply lead, providing
optimum symmetry and stability.
If both inverting and non-inverting inputs are at an equal potential of
> −2.5 V, the receiver does not go to a defined state, but rather
current-shares in normal differential amplifier fashion, producing
output voltage levels midway between HIGH and LOW, or the device
may even oscillate.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The 100 Series contains temperature compensation.
Features
500 ps Max. Propagation Delay
VBB Supply Output
Dedicated VCCO Pin for Each Receiver
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −4.2 V to −5.7 V
Output Qs will default low when inputs are < VCC −2.5 V
Internal Input 50 kW Pulldown Resistors
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
ESD Protection:
> 2 kV Human Body Model
> 200 V Machine Model
Moisture Sensitivity: Level 3 (Pb-Free)
(For Additional Information, see Application Note AND8003/D)
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 98 Devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
PLCC−28
FN SUFFIX
CASE 776−02
MCxxxE116G
AWLYYWW
1
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
ORDERING INFORMATION
Device
Package
Shipping
MC10E116FNG
PLCC−28
(Pb-Free)
37 Units/Tube
MC10E116FNR2G
500 Tape & Reel
MC100E116FNR2G
MC100E116FNG
PLCC−28
(Pb-Free)
PLCC−28
(Pb-Free)
PLCC−28
(Pb-Free)
37 Units/Tube
500 Tape & Reel
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - MC10E116FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E116FNG ONSEMI-MC10E116FNG Datasheet
138Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 10
MC10E116FNG ONSEMI-MC10E116FNG Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
More results

Similar Description - MC10E116FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E416 ONSEMI-MC10E416_06 Datasheet
132Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
MC10E116 ONSEMI-MC10E116_06 Datasheet
138Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 10
MC10E136 ONSEMI-MC10E136_16 Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
logo
Arizona Microtek, Inc
AZ10E116 AZM-AZ10E116 Datasheet
79Kb / 5P
   ECL/PECL Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E416 MICREL-SY10E416_06 Datasheet
62Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY100S314 MICREL-SY100S314_10 Datasheet
344Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY10E416 MICREL-SY10E416 Datasheet
60Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
Semtech Corporation
SK10E116PJ SEMTECH-SK10E116PJ Datasheet
113Kb / 4P
   Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E116 MICREL-SY10E116 Datasheet
72Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
ON Semiconductor
MC10E116 ONSEMI-MC10E116 Datasheet
108Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
1996 REV 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com