Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E116FNR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10E116FNR2G
Description  5V ECL Quint Differential Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E116FNR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC10E116FNR2G Datasheet HTML 1Page - ON Semiconductor MC10E116FNR2G Datasheet HTML 2Page - ON Semiconductor MC10E116FNR2G Datasheet HTML 3Page - ON Semiconductor MC10E116FNR2G Datasheet HTML 4Page - ON Semiconductor MC10E116FNR2G Datasheet HTML 5Page - ON Semiconductor MC10E116FNR2G Datasheet HTML 6Page - ON Semiconductor MC10E116FNR2G Datasheet HTML 7Page - ON Semiconductor MC10E116FNR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10E116, MC100E116
www.onsemi.com
3
Table 3. 10E SERIES PECL DC CHARACTERISTICS (VCCx = 5.0 V, VEE = 0.0 V (Note 1))
Symbol
Characteristic
−40°C
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
29
35
29
35
29
35
29
35
mA
VOH
Output HIGH Voltage
(Note 2)
3980 4070 4160 4020 4105 4190 4090 4185 4280
mV
VOL
Output LOW Voltage (Note 2)
3050 3210 3370 3050 3210 3370 3050 3227 3405
mV
VIH
Input HIGH Voltage
(Single-Ended)
3830 3995 4160 3870 4030 4190 3940 4110 4280
mV
VIL
Input LOW Voltage
(Single-Ended)
3050 3285 3520 3050 3285 3520 3050 3302 3555
mV
VBB
Output Voltage Reference
3.57
3.7
3.57
3.7
3.65
3.75
3.69
3.81
V
VIHCMR Input HIGH Voltage Common
Mode Range (Differential
Configuration) (Note 3)
2.2
4.4
2.2
4.4
2.2
4.4
V
IIH
Input HIGH Current
200
200
200
200
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.3
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
Table 4. 10E SERIES NECL DC CHARACTERISTICS (VCCx = 0.0 V; VEE = −5.0 V (Note 1))
Symbol
Characteristic
−40°C
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
29
35
29
35
29
35
29
35
mA
VOH
Output HIGH Voltage
(Note 2)
−1020
−930
−840
−980
−895
−810
−910
−815
−720
mV
VOL
Output LOW Voltage
(Note 2)
−1950
−1790
−1630
−1950
−1790
−1630
−1950
−1773
−1595
mV
VIH
Input HIGH Voltage
(Single-Ended)
−1170
−1005
−840
−1130
−970
−810
−1060
−890
−720
mV
VIL
Input LOW Voltage
(Single-Ended)
−1950
−1715
−1480
−1950
−1715
−1480
−1950
−1698
−1445
mV
VBB
Output Voltage Reference
−1.43
−1.3
−1.13
−1.30
−1.35
−1.25
−1.31
−1.19
V
VIHCMR Input HIGH Voltage
Common Mode Range
(Differential Configuration)
(Note 3)
−2.8
−0.6
−2.8
−0.6
−2.8
−0.6
V
IIH
Input HIGH Current
200
200
200
200
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.065
0.3
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.


Similar Part No. - MC10E116FNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E116FNR2G ONSEMI-MC10E116FNR2G Datasheet
138Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 10
MC10E116FNR2G ONSEMI-MC10E116FNR2G Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
More results

Similar Description - MC10E116FNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E416 ONSEMI-MC10E416_06 Datasheet
132Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
MC10E116 ONSEMI-MC10E116_16 Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
MC10E116 ONSEMI-MC10E116_06 Datasheet
138Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 10
logo
Arizona Microtek, Inc
AZ10E116 AZM-AZ10E116 Datasheet
79Kb / 5P
   ECL/PECL Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E416 MICREL-SY10E416_06 Datasheet
62Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY100S314 MICREL-SY100S314_10 Datasheet
344Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY10E416 MICREL-SY10E416 Datasheet
60Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
Semtech Corporation
SK10E116PJ SEMTECH-SK10E116PJ Datasheet
113Kb / 4P
   Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E116 MICREL-SY10E116 Datasheet
72Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
ON Semiconductor
MC10E116 ONSEMI-MC10E116 Datasheet
108Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
1996 REV 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com