Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E158FNR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC10E158FNR2G
Description  5V ECL 5?륛it 2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E158FNR2G Datasheet(HTML) 7 Page - ON Semiconductor

  MC10E158FNR2G Datasheet HTML 1Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 2Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 3Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 4Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 5Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 6Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 7Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC10E158, MC100E158
www.onsemi.com
7
PACKAGE DIMENSIONS
28 LEAD PLLC
CASE 776−02
ISSUE F
−N−
−M−
−L−
V
W
D
D
Y BRK
28
1
VIEW S
S
L-M
S
0.010 (0.250)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
0.004 (0.100)
G1
G
J
C
Z
R
E
A
SEATING
PLANE
S
L-M
M
0.007 (0.180)
N S
T
−T−
B
S
L-M
S
0.010 (0.250)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
U
S
L-M
M
0.007 (0.180)
N S
T
Z
G1
X
VIEW D−D
S
L-M
M
0.007 (0.180)
N S
T
K1
VIEW S
H
K
F
S
L-M
M
0.007 (0.180)
N S
T
NOTES:
1. DATUMS -L-, -M-, AND -N- DETERMINED
WHERE TOP OF LEAD SHOULDER EXITS
PLASTIC BODY AT MOLD PARTING LINE.
2. DIMENSION G1, TRUE POSITION TO BE
MEASURED AT DATUM -T-, SEATING PLANE.
3. DIMENSIONS R AND U DO NOT INCLUDE
MOLD FLASH. ALLOWABLE MOLD FLASH IS
0.010 (0.250) PER SIDE.
4. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
5. CONTROLLING DIMENSION: INCH.
6. THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKAGE BOTTOM BY UP TO 0.012
(0.300). DIMENSIONS R AND U ARE
DETERMINED AT THE OUTERMOST
EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD
FLASH, BUT INCLUDING ANY MISMATCH
BETWEEN THE TOP AND BOTTOM OF THE
PLASTIC BODY.
7. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN 0.037
(0.940). THE DAMBAR INTRUSION(S) SHALL
NOT CAUSE THE H DIMENSION TO BE
SMALLER THAN 0.025 (0.635).
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.485
0.495
12.32
12.57
B
0.485
0.495
12.32
12.57
C
0.165
0.180
4.20
4.57
E
0.090
0.110
2.29
2.79
F
0.013
0.021
0.33
0.53
G
0.050 BSC
1.27 BSC
H
0.026
0.032
0.66
0.81
J
0.020
---
0.51
---
K
0.025
---
0.64
---
R
0.450
0.456
11.43
11.58
U
0.450
0.456
11.43
11.58
V
0.042
0.048
1.07
1.21
W
0.042
0.048
1.07
1.21
X
0.042
0.056
1.07
1.42
Y
---
0.020
---
0.50
Z
2
10
2
10
G1
0.410
0.430
10.42
10.92
K1
0.040
---
1.02
---
__
__


Similar Part No. - MC10E158FNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E158FNR2G ONSEMI-MC10E158FNR2G Datasheet
78Kb / 8P
   5V ECL 5-Bit 2:1 Multiplexer
December, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com