Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EL05DR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10EL05DR2G
Description  5V ECL 2?륤nput Differential AND/NAND
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL05DR2G Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EL05DR2G Datasheet HTML 1Page - ON Semiconductor MC10EL05DR2G Datasheet HTML 2Page - ON Semiconductor MC10EL05DR2G Datasheet HTML 3Page - ON Semiconductor MC10EL05DR2G Datasheet HTML 4Page - ON Semiconductor MC10EL05DR2G Datasheet HTML 5Page - ON Semiconductor MC10EL05DR2G Datasheet HTML 6Page - ON Semiconductor MC10EL05DR2G Datasheet HTML 7Page - ON Semiconductor MC10EL05DR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10EL05, MC100EL05
www.onsemi.com
2
Table 1. TRUTH TABLE
D0
D1
D0
D1
Q
Q
L
L
H
H
L
H
L
H
H
L
L
H
H
L
L
H
L
H
H
H
L
L
H
L
Table 2. PIN DESCRIPTION
PIN
Function
D0, D0; D1, D1
ECL Data Inputs
Q, Q
ECL Data Outputs
VCC
Positive Supply
VEE
Negative Supply
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
8
V
VEE
NECL Mode Power Supply
VCC = 0 V
−8
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI ≤ VCC
VI ≥ VEE
6
−6
V
Iout
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
SOIC−8
190
130
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
SOIC−8
41 to 44
°C/W
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
TSSOP−8
185
140
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
TSSOP−8
41 to 44 ± 5%
°C/W
Tsol
Wave Solder (Pb-Free)
<2 to 3 sec @ 260°C
265
°C


Similar Part No. - MC10EL05DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL05DR2G ONSEMI-MC10EL05DR2G Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com