Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4445A Datasheet(PDF) 6 Page - Keysight Technologies

Part # L4445A
Description  Microwave Switch/Attenuator Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

L4445A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button L4445A Datasheet HTML 2Page - Keysight Technologies L4445A Datasheet HTML 3Page - Keysight Technologies L4445A Datasheet HTML 4Page - Keysight Technologies L4445A Datasheet HTML 5Page - Keysight Technologies L4445A Datasheet HTML 6Page - Keysight Technologies L4445A Datasheet HTML 7Page - Keysight Technologies L4445A Datasheet HTML 8Page - Keysight Technologies L4445A Datasheet HTML 9Page - Keysight Technologies L4445A Datasheet HTML 10Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Product Speciications
Speciications and Characteristics
34945EXT switch drive
64 channels, low side drive mode
Driver off voltage (max)
30 V
Driver off leakage current
500 uA
Driver on current (max)
600 mA
Driver on voltage (max)
0.5 V @ 600 mA
64 channels, TTL drive mode
Hi output voltage
3 V @ Iout = 2 mA
Lo output voltage
0.4 V @ Iin = 20 mA
Lo input current
20 mA
34945EXT position indicator sense inputs
Channels
64
Lo input voltage (max)
0.8 V
Hi input voltage (min)
2.5 V
Input resistance
>100 kΩ @ Vin ≤ 5 V
>20 kΩ @ Vin > 5 V
Maximum input voltage
30 V
34945EXT switch drive power supply (34945EXT powered by 34945A)
Voltage
24 V nominal
(external power supply
required for switches
needing different voltages)
Current
100 mA continuous +
200 mA (15 ms pulse,
25% duty cycle)
34945EXT external power connection
Voltage range
4.75 V to 30 V
Current limit
2 A
LED indicator (Current mode divers)
Channels
64
Supply voltage
5 V nominal
LED drive current
5 mA nominal
(prog 1-20 mA)
Driver compliance voltage
0.8 V
Maximum 8 34945Ext’s per L4445A


Similar Part No. - L4445A

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
L444-155.52 CONNOR-WINFIELD-L444-155.52 Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
More results

Similar Description - L4445A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9170A KEYSIGHT-M9170A Datasheet
1Mb / 8P
   M9170A PXI Attenuator/Switch Driver Module
logo
Nais(Matsushita Electri...
RA-RELAYS NAIS-RA-RELAYS Datasheet
208Kb / 3P
   MICROWAVE RELAY FOR ATTENUATOR CIRCUIT
logo
Mini-Circuits
TFAS-2 MINI-TFAS-2 Datasheet
205Kb / 1P
   Attenuator/Switch
ZFAS-2000 MINI-ZFAS-2000 Datasheet
246Kb / 1P
   Attenuator/Switch
TFAS-2SM MINI-TFAS-2SM Datasheet
260Kb / 1P
   Attenuator/Switch
GAS-1 MINI-GAS-1 Datasheet
207Kb / 1P
   Attenuator/Switch
GAS-2 MINI-GAS-2 Datasheet
207Kb / 1P
   Attenuator/Switch
ZAS-3 MINI-ZAS-3 Datasheet
164Kb / 1P
   Attenuator/Switch
TFAS-1 MINI-TFAS-1 Datasheet
206Kb / 1P
   Attenuator/Switch
TFAS-1SM MINI-TFAS-1SM Datasheet
298Kb / 1P
   Attenuator/Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com