Electronic Components Datasheet Search |
|
MC100EL16DTR2G Datasheet(PDF) 1 Page - ON Semiconductor |
|
MC100EL16DTR2G Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 8 page © Semiconductor Components Industries, LLC, 2016 July, 2016 − Rev. 9 1 Publication Order Number: MC10EL16/D MC10EL16, MC100EL16 5.0 V ECL Differential Receiver Description The MC10EL/100EL16 is a differential receiver. The device is functionally equivalent to the E116 device with higher performance capabilities. With output transition times significantly faster than the E116, the EL16 is ideally suited for interfacing with high frequency sources. The VBB pin, an internally generated voltage supply, is available to this device only. For single-ended input conditions, the unused differential input is connected to VBB as a switching reference voltage. VBB may also rebias AC coupled inputs. When used, decouple VBB and VCC via a 0.01 mF capacitor and limit current sourcing or sinking to 0.5 mA. When not used, VBB should be left open. Under open input conditions (pulled to VEE) internal input clamps will force the Q output LOW. The 100 Series contains temperature compensation. Features • 190 ps Propagation Delay • PECL Mode Operating Range: VCC = 4.2 V to 5.7 V with VEE = 0 V • NECL Mode Operating Range: VCC = 0 V with VEE = −4.2 V to −5.7 V • Internal Input Pulldown Resistors • These Devices are Pb-Free, Halogen Free and are RoHS Compliant 1 2 3 45 6 7 8 Q VEE VCC Figure 1. Logic Diagram and Pinout Assignment D Q D VBB NC *For additional marking information, refer to Application Note AND8002/D. MARKING DIAGRAMS* KL16 ALYWG G SOIC−8 NB D SUFFIX CASE 751−07 1 8 TSSOP−8 DT SUFFIX CASE 948R−02 1 8 1 8 ORDERING INFORMATION www.onsemi.com KEL16 ALYW G 1 8 HL16 ALYWG G 1 8 HEL16 ALYW G 1 8 (Note: Microdot may be in either location) H = MC10 K = MC100 A = Assembly Location L = Wafer Lot Y = Year W = Work Week G = Pb-Free Package SOIC−8 NB TSSOP−8 See detailed ordering and shipping information on page 6 of this data sheet. |
Similar Part No. - MC100EL16DTR2G |
|
Similar Description - MC100EL16DTR2G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |