Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL32DR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EL32DR2G
Description  Divider
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL32DR2G Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EL32DR2G Datasheet HTML 1Page - ON Semiconductor MC100EL32DR2G Datasheet HTML 2Page - ON Semiconductor MC100EL32DR2G Datasheet HTML 3Page - ON Semiconductor MC100EL32DR2G Datasheet HTML 4Page - ON Semiconductor MC100EL32DR2G Datasheet HTML 5Page - ON Semiconductor MC100EL32DR2G Datasheet HTML 6Page - ON Semiconductor MC100EL32DR2G Datasheet HTML 7Page - ON Semiconductor MC100EL32DR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10EL32, MC100EL32
www.onsemi.com
2
4
3
Figure 1. Logic Diagram and Pinout Assignment
1
2
5
6
7
8
Q
VEE
VCC
Q
CLK
VBB
R
÷2
Reset
CLK
Table 1. PIN DESCRIPTION
PIN
FUNCTION
CLK, CLK
ECL Clock Inputs*
Reset
ECL Asynch Reset*
Q, Q
ECL Data Outputs
VBB
Reference Voltage Output
VCC
Positive Supply
VEE
Negative Supply
*Pins will default low when left open.
Table 2. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
8
V
VEE
NECL Mode Power Supply
VCC = 0 V
−8
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI ≤ VCC
VI ≥ VEE
6
−6
V
Iout
Output Current
Continuous
Surge
50
100
mA
IBB
VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
SOIC−8NB
190
130
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
SOIC−8NB
41 to 44
°C/W
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
TSSOP−8
185
140
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
TSSOP−8
41 to 44 ± 5%
°C/W
Tsol
Wave Solder (Pb-Free)
<2 to 3 sec @ 260°C
265
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. JEDEC standard multilayer board − 2S2P (2 signal, 2 power)


Similar Part No. - MC100EL32DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL32DR2G ONSEMI-MC100EL32DR2G Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC100EL32DR2G ONSEMI-MC100EL32DR2G Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
More results

Similar Description - MC100EL32DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_16 Datasheet
192Kb / 11P
   Divider
August, 2016 ??Rev. 11
MC10EL33 ONSEMI-MC10EL33_16 Datasheet
171Kb / 8P
   Divider
July, 2016 ??Rev. 11
MC10EP32 ONSEMI-MC10EP32_16 Datasheet
197Kb / 11P
   Divider
July, 2016 ??Rev. 12
logo
Texas Instruments
4214BP TI1-4214BP Datasheet
430Kb / 6P
[Old version datasheet]   MULTIPLER - DIVIDER
logo
M/A-COM Technology Solu...
MAPDCT0028 MA-COM-MAPDCT0028_15 Datasheet
139Kb / 3P
   Power divider
logo
KODENSHI_AUK CORP.
KK4017B KODENSHI-KK4017B Datasheet
346Kb / 7P
   Counter/Divider
logo
Integrated Device Techn...
ICS542MILF IDT-ICS542MILF Datasheet
171Kb / 6P
   CLOCK DIVIDER
ICS542MLFT IDT-ICS542MLFT Datasheet
171Kb / 6P
   CLOCK DIVIDER
logo
American Accurate Compo...
JXWBGF-H-2-0.4-400 AAC-JXWBGF-H-2-0.4-400 Datasheet
88Kb / 1P
   Power Divider
JXWBGF-C-6-1-200 AAC-JXWBGF-C-6-1-200 Datasheet
83Kb / 1P
   Power Divider
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com