Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL34DG Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC100EL34DG
Description  Clock Generation Chip
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL34DG Datasheet(HTML) 8 Page - ON Semiconductor

  MC100EL34DG Datasheet HTML 1Page - ON Semiconductor MC100EL34DG Datasheet HTML 2Page - ON Semiconductor MC100EL34DG Datasheet HTML 3Page - ON Semiconductor MC100EL34DG Datasheet HTML 4Page - ON Semiconductor MC100EL34DG Datasheet HTML 5Page - ON Semiconductor MC100EL34DG Datasheet HTML 6Page - ON Semiconductor MC100EL34DG Datasheet HTML 7Page - ON Semiconductor MC100EL34DG Datasheet HTML 8Page - ON Semiconductor MC100EL34DG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MC10EL34, MC100EL34
www.onsemi.com
8
PACKAGE DIMENSIONS
SOIC−16
CASE 751B−05
ISSUE K
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL CONDITION.
18
16
9
SEATING
PLANE
F
J
M
R X 45_
G
8 PL
P
−B−
−A−
M
0.25 (0.010)
B S
−T−
D
K
C
16 PL
S
B
M
0.25 (0.010)
A S
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.80
10.00
0.386
0.393
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
____
6.40
16X
0.58
16X
1.12
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT
STYLE 1:
PIN 1.
COLLECTOR
2.
BASE
3.
EMITTER
4.
NO CONNECTION
5.
EMITTER
6.
BASE
7.
COLLECTOR
8.
COLLECTOR
9.
BASE
10.
EMITTER
11.
NO CONNECTION
12.
EMITTER
13.
BASE
14.
COLLECTOR
15.
EMITTER
16.
COLLECTOR
STYLE 2:
PIN 1.
CATHODE
2.
ANODE
3.
NO CONNECTION
4.
CATHODE
5.
CATHODE
6.
NO CONNECTION
7.
ANODE
8.
CATHODE
9.
CATHODE
10.
ANODE
11.
NO CONNECTION
12.
CATHODE
13.
CATHODE
14.
NO CONNECTION
15.
ANODE
16.
CATHODE
STYLE 3:
PIN 1.
COLLECTOR, DYE #1
2.
BASE, #1
3.
EMITTER, #1
4.
COLLECTOR, #1
5.
COLLECTOR, #2
6.
BASE, #2
7.
EMITTER, #2
8.
COLLECTOR, #2
9.
COLLECTOR, #3
10.
BASE, #3
11.
EMITTER, #3
12.
COLLECTOR, #3
13.
COLLECTOR, #4
14.
BASE, #4
15.
EMITTER, #4
16.
COLLECTOR, #4
STYLE 4:
PIN 1.
COLLECTOR, DYE #1
2.
COLLECTOR, #1
3.
COLLECTOR, #2
4.
COLLECTOR, #2
5.
COLLECTOR, #3
6.
COLLECTOR, #3
7.
COLLECTOR, #4
8.
COLLECTOR, #4
9.
BASE, #4
10.
EMITTER, #4
11.
BASE, #3
12.
EMITTER, #3
13.
BASE, #2
14.
EMITTER, #2
15.
BASE, #1
16.
EMITTER, #1
STYLE 5:
PIN 1.
DRAIN, DYE #1
2.
DRAIN, #1
3.
DRAIN, #2
4.
DRAIN, #2
5.
DRAIN, #3
6.
DRAIN, #3
7.
DRAIN, #4
8.
DRAIN, #4
9.
GATE, #4
10.
SOURCE, #4
11.
GATE, #3
12.
SOURCE, #3
13.
GATE, #2
14.
SOURCE, #2
15.
GATE, #1
16.
SOURCE, #1
STYLE 6:
PIN 1.
CATHODE
2.
CATHODE
3.
CATHODE
4.
CATHODE
5.
CATHODE
6.
CATHODE
7.
CATHODE
8.
CATHODE
9.
ANODE
10.
ANODE
11.
ANODE
12.
ANODE
13.
ANODE
14.
ANODE
15.
ANODE
16.
ANODE
STYLE 7:
PIN 1.
SOURCE N‐CH
2.
COMMON DRAIN (OUTPUT)
3.
COMMON DRAIN (OUTPUT)
4.
GATE P‐CH
5.
COMMON DRAIN (OUTPUT)
6.
COMMON DRAIN (OUTPUT)
7.
COMMON DRAIN (OUTPUT)
8.
SOURCE P‐CH
9.
SOURCE P‐CH
10.
COMMON DRAIN (OUTPUT)
11.
COMMON DRAIN (OUTPUT)
12.
COMMON DRAIN (OUTPUT)
13.
GATE N‐CH
14.
COMMON DRAIN (OUTPUT)
15.
COMMON DRAIN (OUTPUT)
16.
SOURCE N‐CH
16
89
8X
*For additional information on our Pb-Free
strategy and soldering details, please
download the ON Semiconductor Soldering
and Mounting Techniques Reference Man-
ual, SOLDERRM/D.


Similar Part No. - MC100EL34DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL34DG ONSEMI-MC100EL34DG Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
More results

Similar Description - MC100EL34DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP139 ONSEMI-MC10EP139_16 Datasheet
218Kb / 14P
   Clock Generation Chip
August, 2016 ??Rev. 14
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL39 ONSEMI-MC100LVEL39_16 Datasheet
160Kb / 6P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC10EL34 ONSEMI-MC10EL34 Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
MC100LVEL38 ONSEMI-MC100LVEL38 Datasheet
128Kb / 5P
   첨2, 첨4/6 Clock Generation Chip
1996 REV 1
MC100EL38 ONSEMI-MC100EL38 Datasheet
160Kb / 6P
   5V ECL Clock Generation Chip
July, 2016 ??Rev. 9
MC100EL39 ONSEMI-MC100EL39_16 Datasheet
159Kb / 7P
   5 V ECL Clock Generation Chip
July, 2016 ??Rev. 8
MC100LVEP34 ONSEMI-MC100LVEP34_14 Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
logo
Motorola, Inc
MC100LVEL39 MOTOROLA-MC100LVEL39 Datasheet
127Kb / 4P
   첨2/4,첨4/6 Clock Generation Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com