Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS6424QDKQQ1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS6424QDKQQ1
Description  2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS6424QDKQQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS6424QDKQQ1 Datasheet HTML 3Page - Texas Instruments TAS6424QDKQQ1 Datasheet HTML 4Page - Texas Instruments TAS6424QDKQQ1 Datasheet HTML 5Page - Texas Instruments TAS6424QDKQQ1 Datasheet HTML 6Page - Texas Instruments TAS6424QDKQQ1 Datasheet HTML 7Page - Texas Instruments TAS6424QDKQQ1 Datasheet HTML 8Page - Texas Instruments TAS6424QDKQQ1 Datasheet HTML 9Page - Texas Instruments TAS6424QDKQQ1 Datasheet HTML 10Page - Texas Instruments TAS6424QDKQQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
7
TAS6424-Q1
www.ti.com
SLOS870A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: TAS6424-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
PVDD
Output FET supply voltage
Relative to GND
4.5
26.4
V
VBAT
Battery supply voltage input
Relative to GND
4.5
14.4
18
V
VDD
DC logic supply
Relative to GND
3.0
3.3
3.5
V
TA
Ambient temperature
–40
125
°C
TJ
Junction temperature
An adequate thermal design is
required
–40
150
°C
RL
Nominal speaker load impedance
BTL Mode
2
4
Ω
PBTL Mode
1
2
RPU_I2C
I2C pullup resistance on SDA and SCL pins
1
4.7
10
CBypass
External capacitance on bypass pins
Pin 2, 3, 5, 6, 8, 9, 10, 19
1
µF
COUT
External capacitance to GND on OUT pins
Limit set by DC-diagnostic timing
1
3.3
µF
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
(2)
JEDEC Standard 4 Layer PCB.
(3)
Measured using the TAS6424-Q1 EVM layout and heat sink. The device is not intended to be used without a heat sink.
7.4 Thermal Information
THERMAL METRIC(1)
TAS6424-Q1(2)
TAS6424-Q1(3)
UNIT
DKQ (HSSOP)
DKQ (HSSOP)
56 PINS
56 PINS
RθJA
Junction-to-ambient thermal resistance
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.7
1.1
°C/W
RθJB
Junction-to-board thermal resistance
°C/W
ψJT
Junction-to-top characterization parameter
°C/W
ψJB
Junction-to-board characterization parameter
10
10
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W
7.5 Electrical Characteristics
Test conditions (unless otherwise noted): TC = 25°C, PVDD = VBAT = 14.4 V, VDD = 3.3 V, RL = 4 Ω, Pout = 1 W/ch, ƒ = 1
kHz, fSW = 2.11 MHz, AES17 Filter, default I
2C settings, see Figure 79 and Figure 82
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATING CURRENT
IPVDD_IDLE
PVDD idle current
All channels playing, no audio input
75
mA
IVBAT_IDLE
VBAT idle current
All channels playing, no audio input
100
mA
IPVDD_STBY
PVDD standby current
STANDBYActive, VDD = 0 V
10
μA
IVBAT_STBY
VBAT standby current
STANDBYActive, VDD = 0 V
10
μA
IVDD
VDD supply current
All channels playing, –60-dB signal
15
mA
OUTPUT POWER
PO_BTL
Output power per channel, BTL
4 Ω, PVDD = 14.4 V, THD+N = 1%, TC = 75°C
20
22
W
4 Ω, PVDD = 14.4 V, THD+N = 10%, TC = 75°C
25
27
2 Ω, PVDD = 14.4 V, THD+N = 1%, TC = 75°C
38
40
2 Ω, PVDD = 14.4 V, THD+N = 10%, TC = 75°C
42
45
4 Ω, PVDD = 25 V, THD+N = 1%, TC = 75°C
50
55
4 Ω, PVDD = 25 V, THD+N = 10%, TC = 75°C
70
75
PO_PBTL
Output power per channel in parallel mode,
PBTL
2 Ω, PVDD = 14.4 V, THD+N = 1%, TC = 75°C
40
40
W
2 Ω, PVDD = 14.4 V, THD+N = 10%, TC = 75°C
50
50
1 Ω, PVDD = 14.4 V, THD+N = 1%, TC = 75°C
80
80
1 Ω, PVDD = 14.4 V, THD+N = 10%, TC = 75°C
90
90
2 Ω, PVDD = 25 V, THD+N = 1%, TC = 75°C
120
120
2 Ω, PVDD = 25 V, THD+N = 10%, TC = 75°C
150
150
EFFP
Power efficiency
4 channels operating, 25-W output power/ch 4-Ω load, PVDD
= 14.4 V, TC = 25°C
86%


Similar Part No. - TAS6424QDKQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424QDKQRQ1 TI1-TAS6424QDKQRQ1 Datasheet
1Mb / 63P
[Old version datasheet]   75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
More results

Similar Description - TAS6424QDKQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
[Old version datasheet]   27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424M-Q1 TI1-TAS6424M-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   45-W, 2-MHz digital input 4-channel automotive class-D audio amplifier with load dump protection and I2C diagnostics
TAS6422-Q1 TI1-TAS6422-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   75-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
[Old version datasheet]   75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1_V01 Datasheet
3Mb / 80P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424MS-Q1 TI-TAS6424MS-Q1 Datasheet
3Mb / 75P
[Old version datasheet]   TAS6424MS-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1 Datasheet
778Kb / 9P
[Old version datasheet]   50-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1_18 Datasheet
1Mb / 12P
[Old version datasheet]   45-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com