Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y1172A Datasheet(PDF) 7 Page - Keysight Technologies

Part # Y1172A
Description  RF Switch Platform
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

Y1172A Datasheet(HTML) 7 Page - Keysight Technologies

Back Button Y1172A Datasheet HTML 3Page - Keysight Technologies Y1172A Datasheet HTML 4Page - Keysight Technologies Y1172A Datasheet HTML 5Page - Keysight Technologies Y1172A Datasheet HTML 6Page - Keysight Technologies Y1172A Datasheet HTML 7Page - Keysight Technologies Y1172A Datasheet HTML 8Page - Keysight Technologies Y1172A Datasheet HTML 9Page - Keysight Technologies Y1172A Datasheet HTML 10Page - Keysight Technologies Y1172A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
07 | Keysight | L4490A/91A RF Switch Platform – Data Sheet
Switch Management
Switch sequences allow you to define and
control complex signal paths with user as-
signed names. Sequences can be nested
and called from your program. Up to 500
sequences can be defined and stored in
non-volatile memory so when power is
lost, the sequences are not. Use sequenc-
es and the break-before-make features
to ensure switch closures are made in the
right order and eliminate possible damage
to your valuable DUTs or test equipment.
See Figure 6.
Switch counts are also stored in the
instrument’s non-volatile memory. So you
can monitor when a a switch is nearing its
end-of-life.
Additionally, power up/down states can
be identified and stored in non-volatile
memory, protecting the DUT when power
is lost.
Graphical Web Interface
The built-in graphical web browser inter-
face provides remote access and control
of the instrument via a Java-enabled
browser such as Internet Explorer. Using
the web interface, you can set-up, trouble-
shoot and maintain your instrument from
anywhere on the network. See Figure 7.
– View and modify instrument setup
– Configure switch/attenuator channels
– Open or close switches
– Send, receive and view SCPI
commands
– Define and execute switch
sequences
– View error queue
– Get status reports on relay cycle
counts, firmware
revisions and more
Figure 7. The web interface makes it easy to set up, troubleshoot and maintain your test remotely.
Figure 6: L4490A/91A switch sequences developed/executed from the Web interface or programming
environment


Similar Part No. - Y1172A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y117212K7560A0R VISHAY-Y117212K7560A0R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y117212K7560A0W VISHAY-Y117212K7560A0W Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y117212K7560A9R VISHAY-Y117212K7560A9R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y117212K7560A9W VISHAY-Y117212K7560A9W Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y117212K7560B0R VISHAY-Y117212K7560B0R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
More results

Similar Description - Y1172A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
L4491A KEYSIGHT-L4491A Datasheet
4Mb / 19P
   RF Switch Platform
Y1171A KEYSIGHT-Y1171A Datasheet
4Mb / 19P
   RF Switch Platform
Y1175A KEYSIGHT-Y1175A Datasheet
4Mb / 19P
   RF Switch Platform
Y1173A KEYSIGHT-Y1173A Datasheet
4Mb / 19P
   RF Switch Platform
Y1170A KEYSIGHT-Y1170A Datasheet
4Mb / 19P
   RF Switch Platform
Y1174A KEYSIGHT-Y1174A Datasheet
4Mb / 19P
   RF Switch Platform
L4490A KEYSIGHT-L4490A Datasheet
4Mb / 19P
   RF Switch Platform Data
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440_15 Datasheet
497Kb / 8P
   RF Switch
logo
Lucky Light Electronic
PE4245 LUCKY-LIGHT-PE4245_15 Datasheet
264Kb / 8P
   RF Switch
PE4251 LUCKY-LIGHT-PE4251_15 Datasheet
225Kb / 9P
   RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com