Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-A137A-FREQ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HA-A137A-FREQ
Description  CMOS Compatible Enable/Disable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HA-A137A-FREQ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HA-A137A-FREQ Datasheet HTML 1Page - List of Unclassifed Manufacturers HA-A137A-FREQ Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
CMOS Compatible Enable/Disable
HA-A1370/A1380 Series
Description
The HA-A1370 Series of quartz crystal oscillators provide enable/disable 3-state CMOS compatible signals
for bus connected systems. Supplying Pin 1 of the HA-A1370 units with a logic “0" enables the output on
Pin 5. Alternately, supplying pin 1 of the HA-A1380 units with a logic “1" enables its Pin 5 output. In the
disabled mode, Pin 5 presents a high impedance to the load. All units are resistance welded in an all metal
package, offering RFI shielding, and are designed to survive standard wave soldering operations without
damage. Insulated standoffs to enhance board cleaning are standard.
Features
• Wide frequency range– 0.5MHz to 20.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed
package
• 3.3 Volt operation
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• Low power consumption
• Gold plated leads - Solder dipped leads available
upon request
Electrical Connection
Pin
Connection
1
Enable Input
4
Grd & Case
5
Output
8
V
DD
Dimensions are in inches and (MM)
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0016J
Rev. E


Similar Part No. - HA-A137A-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HA-A1370 NEL-HA-A1370_10 Datasheet
60Kb / 2P
   CMOS Compatible Enable/Disable
More results

Similar Description - HA-A137A-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-A1370 NEL-HS-A1370_10 Datasheet
58Kb / 2P
   CMOS Compatible Enable/Disable
HS-1370 NEL-HS-1370 Datasheet
257Kb / 2P
   CMOS Compatible Enable/Disable
HA-1380 NEL-HA-1380_10 Datasheet
60Kb / 2P
   CMOS Compatible Enable/Disable
HA-A1370 NEL-HA-A1370_10 Datasheet
60Kb / 2P
   CMOS Compatible Enable/Disable
HS-A1370 NEL-HS-A1370 Datasheet
257Kb / 2P
   CMOS Compatible Enable/Disable
HA-1380 NEL-HA-1380 Datasheet
288Kb / 2P
   CMOS Compatible Enable/Disable
HS-1370 NEL-HS-1370_10 Datasheet
58Kb / 2P
   CMOS Compatible Enable/Disable
HA-1210 NEL-HA-1210_12 Datasheet
61Kb / 2P
   TTL Compatible Enable/Disable
HS-1200 NEL-HS-1200_10 Datasheet
58Kb / 2P
   TTL Compatible Enable/Disable
HA-1210 NEL-HA-1210 Datasheet
298Kb / 2P
   TTL Compatible Enable/Disable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com