Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y1174A Datasheet(PDF) 9 Page - Keysight Technologies

Part # Y1174A
Description  RF Switch Platform
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

Y1174A Datasheet(HTML) 9 Page - Keysight Technologies

Back Button Y1174A Datasheet HTML 5Page - Keysight Technologies Y1174A Datasheet HTML 6Page - Keysight Technologies Y1174A Datasheet HTML 7Page - Keysight Technologies Y1174A Datasheet HTML 8Page - Keysight Technologies Y1174A Datasheet HTML 9Page - Keysight Technologies Y1174A Datasheet HTML 10Page - Keysight Technologies Y1174A Datasheet HTML 11Page - Keysight Technologies Y1174A Datasheet HTML 12Page - Keysight Technologies Y1174A Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
09 | Keysight | L4490A/91A RF Switch Platform – Data Sheet
Product Specifications
Switch drive
64 channels, low side drive mode
Driver off voltage (max)
Driver off leakage current
Driver on current (max)
Driver on voltage (max)
30 V
500 uA
600 uA
0.5 V at 600 mA
64 channels, TTL drive mode
Hi output voltage
Lo output voltage
Lo input current
3 V at lout = 2 mA
0.4 V at lin = 20 mA
20 mA
Position indicator sense inputs
Channels
Lo input voltage (max)
Hi input voltage (min)
Input resistance
Maximum input voltage
64
0.8 V
2.5 V
> 100 kΩ at Vin ≤ 5 V
> 20 kΩ at Vin > 5 V
30 V
Switch drive power supply
Voltage
24 V nominal
(external power supply required for
switches needing different voltages)
Current
600 mA (typical 700 mA; 500 mA
quiescent + 200 mA for switching)
Quiescent Current Requirement
Most latching switches require some small amount of quiescent current to remain in their position.
This current can range from 1 to 2 mA to 50 mA to 40 mA. Be sure to calculate your quiescent cur-
rent needs using the 5989-2272EN Configuration Guide.
Example:
12 87106C nominal quiescent current: 12 x 30 mA = 360 mA
Plus 6 N1810TL nominal quiescent current: 6 x 1.5 mA = 9 mA
Total nominal quiescent current = 369 mA
External power connection
Voltage range
4.75 V to 30 V
Current limit
2 A
LED indicator (current mode divers)
Channels
Supply voltage
LED drive current
Driver compliance voltage
64
5 V nominal
5 mA nominal
(prog 1-20 mA)
0.8 V
Memory
States
5 instrument states with user label in non-
volatile memory


Similar Part No. - Y1174A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
Y1170A KEYSIGHT-Y1170A Datasheet
4Mb / 19P
   RF Switch Platform
Y1171A KEYSIGHT-Y1171A Datasheet
4Mb / 19P
   RF Switch Platform
logo
Vishay Siliconix
Y117212K7560A0R VISHAY-Y117212K7560A0R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y117212K7560A0W VISHAY-Y117212K7560A0W Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y117212K7560A9R VISHAY-Y117212K7560A9R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
More results

Similar Description - Y1174A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
L4491A KEYSIGHT-L4491A Datasheet
4Mb / 19P
   RF Switch Platform
Y1171A KEYSIGHT-Y1171A Datasheet
4Mb / 19P
   RF Switch Platform
Y1175A KEYSIGHT-Y1175A Datasheet
4Mb / 19P
   RF Switch Platform
Y1173A KEYSIGHT-Y1173A Datasheet
4Mb / 19P
   RF Switch Platform
Y1170A KEYSIGHT-Y1170A Datasheet
4Mb / 19P
   RF Switch Platform
Y1172A KEYSIGHT-Y1172A Datasheet
4Mb / 19P
   RF Switch Platform
L4490A KEYSIGHT-L4490A Datasheet
4Mb / 19P
   RF Switch Platform Data
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440_15 Datasheet
497Kb / 8P
   RF Switch
logo
Lucky Light Electronic
PE4245 LUCKY-LIGHT-PE4245_15 Datasheet
264Kb / 8P
   RF Switch
PE4251 LUCKY-LIGHT-PE4251_15 Datasheet
225Kb / 9P
   RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com