Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1110S-250 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1110S-250
Description  10-Tap Silicon Delay Line
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1110S-250 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1110S-250 Datasheet HTML 1Page - Dallas Semiconductor DS1110S-250 Datasheet HTML 2Page - Dallas Semiconductor DS1110S-250 Datasheet HTML 3Page - Dallas Semiconductor DS1110S-250 Datasheet HTML 4Page - Dallas Semiconductor DS1110S-250 Datasheet HTML 5Page - Dallas Semiconductor DS1110S-250 Datasheet HTML 6Page - Dallas Semiconductor DS1110S-250 Datasheet HTML 7Page - Dallas Semiconductor DS1110S-250 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
10-Tap Silicon Delay Line
_____________________________________________________________________
3
Note 1: All voltages are referenced to ground.
Note 2: Measured with outputs open.
Note 3: Initial tolerances are ± with respect to the nominal value at +25°C and VCC = 5.0V for both leading and trailing edges.
Note 4: Temperature and voltage tolerances are with respect to the actual delay measured over stated temperature range and a 4.75V
to 5.25V range.
Note 5: Intermediate delay values are available on a custom basis.
Note 6: See Test Conditions section.
Note 7: All tap delays tend to vary unidirectionally with temperature or voltage changes. For example, if tap 1 slows down, all other
taps also slow down; tap 3 can never be faster than tap 2.
Note 8: Pulse width and period specifications may be exceeded; however, accuracy is application sensitive (decoupling, layout, etc.)
Note 9: For Tap 1 delays greater than 20ns, the tolerance is ±3ns or ±5%, whichever is greater.
CAPACITANCE
(TA = +25°C.)
Typical Operating Characteristics
(VCC = 5.0V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance
CIN
510
pF
47
48
49
50
51
52
53
54
46
DS1110-50 TAP 10 DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-40
85
DS1110-500 TAP 10 DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
450
475
500
525
550
575
425
-40
85
500kHz INPUT
10
1.0
20
40
60
80
100
120
140
160
180
200
0
0.1
100
DS1110-50 ACTIVE CURRENT
vs. INPUT FREQUENCY
FREQUENCY (MHz)
15pF LOAD/TAP
VCC = 5.25V
DS1110-500 ACTIVE CURRENT
vs. INPUT FREQUENCY
FREQUENCY (MHz)
1.0
5
10
15
20
25
30
35
40
0
0.1
10
15pF LOAD/TAP
VCC = 5.25V


Similar Part No. - DS1110S-250

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1110S-XXX MAXIM-DS1110S-XXX Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
More results

Similar Description - DS1110S-250

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
   10-Tap Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1010 DALLAS-DS1010 Datasheet
60Kb / 6P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1110 MAXIM-DS1110 Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
logo
Dallas Semiconductor
DS1110L DALLAS-DS1110L Datasheet
102Kb / 7P
   3V 10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
   5-Tap Silicon Delay Line
030194
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com