|
| LM1458 |
|
||
|
NSC |
|
6 page
Notes LIFE SUPPORT POLICY NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. National Semiconductor Corporation Americas Tel: 1-800-272-9959 Fax: 1-800-737-7018 Email: support@nsc.com National Semiconductor Europe Fax: +49 (0) 1 80-530 85 86 Email: europe.support@nsc.com Deutsch Tel: +49 (0) 1 80-530 85 85 English Tel: +49 (0) 1 80-532 78 32 Français Tel: +49 (0) 1 80-532 93 58 Italiano Tel: +49 (0) 1 80-534 16 80 National Semiconductor Asia Pacific Customer Response Group Tel: 65-2544466 Fax: 65-2504466 Email: sea.support@nsc.com National Semiconductor Japan Ltd. Tel: 81-3-5639-7560 Fax: 81-3-5639-7507 www.national.com National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications. |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| KIA358P | BIPOLAR LINEAR INTEGRATED CIRCUIT DUAL OPERATIONAL AMPLIFIER | 1 2 3 4 | KEC(Korea Electronics) |
| LT1886 | Dual 700MHz 200mA Operational Amplifier | 1 2 3 4 5 More | Linear Technology |
| NJM4556A | DUAL HIGH CURRENT OPERATIONAL AMPLIFIER | 1 2 3 4 5 | New Japan Radio |
| LMC6082 | Precision CMOS Dual Operational Amplifier | 1 2 3 4 5 More | National Semiconductor |
| TL092 | DUAL JFET-INPUT OPERATIONAL AMPLIFIER | 1 2 3 4 5 More | Texas Instruments |
| NTE928 | Integrated Circuit Low Power Dual Operational Amplifier | 1 2 3 | NTE Electronics |
| OP227 | Dual Low Noise Low Offset Instrumentation Operational Amplifier | 1 2 3 4 5 More | Analog Devices |
| OPA2613 | Dual Wideband High Output Current Operational Amplifier with Current Limit | 1 2 3 4 5 More | Texas Instruments |
| NE5532 | Internally-compensated dual low noise operational amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| AD8698 | Dual Precision Rail-to-Rail Output Operational Amplifier | 1 2 3 4 5 More | Analog Devices |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |