Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA04S0500A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # AA04S0500A
Description  4W Single and Dual Output, AC/DC Power Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AA04S0500A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  AA04S0500A Datasheet HTML 1Page - Delta Electronics, Inc. AA04S0500A Datasheet HTML 2Page - Delta Electronics, Inc. AA04S0500A Datasheet HTML 3Page - Delta Electronics, Inc. AA04S0500A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AA04S/D Series
4W Single and Dual Output, AC/DC Power Module
DS_AA04S/D_06172014
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P1
FEATURES
Ultra-compact AC-DC power supply for PCB
Mounting
Over Load and Over Voltage Protection
EMI meets EN55022, Class B and EMS
compliance to EN61000-4
Universal Input voltage range 85-264 VAC,
47-440 Hz
High efficiency
UL/IEC/EN 60950-1 Certified , CE Marked
3kVAC Isolatoin , Protection Class ll level
Lead free, RoHs Compliant
3 Years Product Warranty
The AA04S/D series , isolated fully encapsulated 4W AC/DC power module with 3,000VAC isolation. With Universal input voltage
85-264VAC and International safety approvals, these power modules are ideal for applications in commercial and industrial electronic
equipment. These isolated AC/DC converters are the latest offering from a world leader in power systems technology and
manufacturing ― Delta Electronics, Inc. With creative design technology and optimization of component placement, these converters
possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating
conditions.
Model List
Model
Number
Output
Voltage
Output Current
Input Current
Max. capacitive
Load
Efficiency
(typ.)
Max.
@Max. Load
@Max. Load
VDC
mA
mA(typ.)
μF
%
AA04S0300A
3.3
1200
82
1200
70
AA04S0500A
5
800
82
800
72
AA04S0900A
9
444
77
440
75
AA04S1200A
12
333
76
330
76
AA04S1500A
15
267
76
260
76
AA04S2400A
24
167
76
160
77
AA04D0305A
+5
600
72
5600
72
+3.3
150
4700
AA04D0512A
+12
250
72
330
75
+5
120
4700
AA04D1212A
±12
±166
76
* 330
77
AA04D1515A
±15
±133
76
* 260
77
* For each output
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
Input Voltage Range
All Models
85
---
264
VAC
Input Frequency Range
47
---
440
Hz
Input Voltage Range
120
---
370
VDC
No-Load Power Consumption
---
---
0.3
W
Inrush Current (Cold Start at 25
℃)
115VAC
---
---
15
A
230VAC
---
---
25
A


Similar Part No. - AA04S0500A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA04S0500A DELTA-AA04S0500A Datasheet
251Kb / 5P
   4W Single and Dual Output, AC/DC Power Module
AA04S0500A DELTA-AA04S0500A Datasheet
287Kb / 4P
   4W Single and Dual Output, AC/DC Power Module
More results

Similar Description - AA04S0500A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA04S DELTA-AA04S Datasheet
287Kb / 4P
   4W Single and Dual Output, AC/DC Power Module
AA04S0300A DELTA-AA04S0300A Datasheet
251Kb / 5P
   4W Single and Dual Output, AC/DC Power Module
logo
Minmax Technology Co., ...
ABF-04 MINMAX-ABF-04_16 Datasheet
544Kb / 3P
   AC/DC Power Module 4W
logo
MicroPower Direct, LLC
MPM-04E MPD-MPM-04E Datasheet
299Kb / 2P
   Low Cost, Board Mount 4W Single And Dual Output AC/DC Power Supplies
logo
Delta Electronics, Inc.
AA30S0500A DELTA-AA30S0500A Datasheet
348Kb / 7P
   30W Single, Dual, and Triple Output AC-DC Power Module
AA15S DELTA-AA15S Datasheet
335Kb / 6P
   15W Single, Dual, and Triple Output AC/DC Power Module
AA30S DELTA-AA30S Datasheet
372Kb / 6P
   30W Single, Dual, and Triple Output AC-DC Power Module
AA30S-D-T DELTA-AA30S-D-T Datasheet
372Kb / 6P
   30W Single, Dual, and Triple Output AC-DC Power Module
AA15S0500A DELTA-AA15S0500A Datasheet
349Kb / 7P
   15W Single, Dual, and Triple Output AC/DC Power Module
AA15S-D-T DELTA-AA15S-D-T Datasheet
335Kb / 6P
   15W Single, Dual, and Triple Output AC/DC Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com