Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA15S1500A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # AA15S1500A
Description  15W Single, Dual, and Triple Output AC/DC Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AA15S1500A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  AA15S1500A Datasheet HTML 1Page - Delta Electronics, Inc. AA15S1500A Datasheet HTML 2Page - Delta Electronics, Inc. AA15S1500A Datasheet HTML 3Page - Delta Electronics, Inc. AA15S1500A Datasheet HTML 4Page - Delta Electronics, Inc. AA15S1500A Datasheet HTML 5Page - Delta Electronics, Inc. AA15S1500A Datasheet HTML 6Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AA15S/D/T Series
15W Single, Dual, and Triple Output AC/DC Power Module
DS_AA15S/D/T_06172014
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P1
FEATURES
Encapsulated compact AC-DC power supply
Single-, Dual- and Triple Output Models
Over Load and Over Voltage Protection
3 Mounting Package Versoins:
- Solder pins for direct PCB mount
-Screw terminal block for chassis mount
- DIN-Rail Mounting
Universal Input voltage range 85-264 VAC,
47-440 Hz
3kVAC Isolatoin, Protection Class ll level
UL/UL/IEC/EN 60950-1 Certified , CE Marked
UL508 Approval (Selective)
Lead free, RoHs Compliant
3 Year Product Warranty
The AA15S/D/T series , isolated fully encapsulated 15W AC/DC power module with 3,000VAC isolation. With Universal input voltage
85-264VAC and International safety approvals, these power modules are ideal for applications in commercial and industrial electronic
equipment. These isolated AC/DC converters are the latest offering from a world leader in power systems technology and
manufacturing ― Delta Electronics, Inc. With creative design technology and optimization of component placement, these converters
possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating
conditions. industrial electronic equipment.
Model List
Model Number
Output
Voltage
Output Current
Input Current
Max. capacitive
Load
Efficiency
(typ.)
UL60950-1
Approval
UL508
Approval
115VAC, 60Hz
Max.
@Max. Load
@No Load
@Max. Load
VDC
mA
mA(typ.)
mA(typ.)
μF
%
AA15S0500A
5
3000
290
30
3900
75
AA15S1200A
12
1250
275
30
2200
79
AA15S1500A
15
1000
275
30
2200
79
AA15S2400A
24
625
275
30
1000
79
AA15S4800A
48
310
273
30
680
79
AA15D1212A
±12
±650
275
30
*1500
79
AA15D1515A
±15
±500
275
30
*1500
79
AA15D0512A
5
1500
302
30
2000
72
*12
625
1500
AA15T051212A
5
2000
290
30
2200
74
*12
200
1500
*-12
-200
1500
AA15T051515A
*5
2000
284
30
2200
74
*15
150
1500
*-15
-150
1500
* Output voltage accuracy 4% max.
* For each output


Similar Part No. - AA15S1500A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA15S1500A DELTA-AA15S1500A Datasheet
349Kb / 7P
   15W Single, Dual, and Triple Output AC/DC Power Module
AA15S1500A DELTA-AA15S1500A Datasheet
335Kb / 6P
   15W Single, Dual, and Triple Output AC/DC Power Module
More results

Similar Description - AA15S1500A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA15S DELTA-AA15S Datasheet
335Kb / 6P
   15W Single, Dual, and Triple Output AC/DC Power Module
AA15S0500A DELTA-AA15S0500A Datasheet
349Kb / 7P
   15W Single, Dual, and Triple Output AC/DC Power Module
logo
Chinfa Electronics Ind....
KAM15 CHINFA-KAM15_14 Datasheet
249Kb / 4P
   AC - DC POWER MODULE 13 ~ 15W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
AA30S0500A DELTA-AA30S0500A Datasheet
348Kb / 7P
   30W Single, Dual, and Triple Output AC-DC Power Module
AA30S DELTA-AA30S Datasheet
372Kb / 6P
   30W Single, Dual, and Triple Output AC-DC Power Module
AA30S-D-T DELTA-AA30S-D-T Datasheet
372Kb / 6P
   30W Single, Dual, and Triple Output AC-DC Power Module
logo
ETA-USA
WRM-00X-O ETA-USA-WRM-00X-O Datasheet
825Kb / 3P
   15W AC/DC Triple Output
WRM-FWX-O ETA-USA-WRM-FWX-O Datasheet
777Kb / 3P
   15W AC/DC Dual Output
logo
MicroPower Direct, LLC
MPM-10IS MPD-MPM-10IS Datasheet
248Kb / 2P
   Chassis Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
logo
Delta Electronics, Inc.
AA04S-D DELTA-AA04S-D Datasheet
287Kb / 4P
   4W Single and Dual Output, AC/DC Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com