Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5V9910A Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT5V9910A
Description  3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V9910A Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT5V9910A Datasheet HTML 1Page - Integrated Device Technology IDT5V9910A Datasheet HTML 2Page - Integrated Device Technology IDT5V9910A Datasheet HTML 3Page - Integrated Device Technology IDT5V9910A Datasheet HTML 4Page - Integrated Device Technology IDT5V9910A Datasheet HTML 5Page - Integrated Device Technology IDT5V9910A Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT5V9910A
3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
RECOMMENDED OPERATING RANGE
IDT5V9910A-5, -7
IDT5V9910A-2
(Industrial)
(Commercial)
Symbol
Description
Min.
Max.
Min.
Max.
Unit
VCC
Power Supply Voltage
3
3.6
3
3.6
V
TA
AmbientOperatingTemperature
-40
+85
0
+70
° C
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions(1)
Typ.(2)
Max.
Unit
ICCQ
Quiescent Power Supply Current
VCC = Max., TEST = MID, REF = LOW,
8
25
mA
GND/
sOE = LOW, All outputs unloaded
∆ICC
Power Supply Current per Input HIGH
VCC = Max., VIN = 3V
1
30
µA
ICCD
Dynamic Power Supply Current per Output
VCC = Max., CL = 0pF
55
90
µA/MHz
ITOT
Total Power Supply Current
VCC = 3.3V, FREF = 25MHz, CL = 160pF(1)
34
VCC = 3.3V, FREF = 33MHz, CL = 160pF(1)
42
mA
VCC = 3.3V, FREF = 66MHz, CL = 160pF(1)
76
NOTE:
1. For eight outputs, each loaded with 20pF.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Symbol
Parameter
Conditions
Min.
Max.
Unit
VIH
Input HIGH Voltage
Guaranteed Logic HIGH (REF, FB Inputs Only)
2
V
VIL
Input LOW Voltage
Guaranteed Logic LOW (REF, FB Inputs Only)
0.8
V
VIHH
Input HIGH Voltage(1)
3-Level Inputs Only
VCC
0.6
V
VIMM
Input MID Voltage(1)
3-Level Inputs Only
VCC/2
0.3 VCC/2+0.3
V
VILL
Input LOW Voltage(1)
3-Level Inputs Only
0.6
V
IIN
InputLeakageCurrent
VIN = VCC or GND
±5
µ A
(REF, FB Inputs Only)
VCC = Max.
VIN = VCC
HIGH Level
±200
I3
3-Level Input DC Current (TEST, FS)
VIN = VCC/2
MID Level
±50
µ A
VIN = GND
LOW Level
±200
IPU
Input Pull-Up Current (VCCQ/PE)
VCC = Max., VIN = GND
±100
µ A
IPD
Input Pull-Down Current (GND/
sOE)VCC = Max., VIN = VCC
±100
µ A
VOH
Output HIGH Voltage
VCC = Min., IOH =
12mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 12mA
0.55
V
NOTE:
1.
These inputs are normally wired to VCC, GND, or unconnected. Internal termination resistors bias unconnected inputs to VCC/2. If these inputs are switched, the function and
timing of the outputs may be glitched, and the PLL may require an additional tLOCK time before all datasheet limits are achieved.


Similar Part No. - IDT5V9910A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A-2J IDT-IDT5V991A-2J Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A-2JG IDT-IDT5V991A-2JG Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A-2JGI IDT-IDT5V991A-2JGI Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A-2JI IDT-IDT5V991A-2JI Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
More results

Similar Description - IDT5V9910A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT59910A IDT-IDT59910A Datasheet
52Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT59920A IDT-IDT59920A Datasheet
58Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950 IDT-IDT5V9950 Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V994 IDT-IDT5V994 Datasheet
73Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM PLUS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com