Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFE2000-9-D Datasheet(PDF) 6 Page - Artesyn Technologies

Part # UFE2000-9-D
Description  UFE / UFR Series Up to 6000 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

UFE2000-9-D Datasheet(HTML) 6 Page - Artesyn Technologies

  UFE2000-9-D Datasheet HTML 1Page - Artesyn Technologies UFE2000-9-D Datasheet HTML 2Page - Artesyn Technologies UFE2000-9-D Datasheet HTML 3Page - Artesyn Technologies UFE2000-9-D Datasheet HTML 4Page - Artesyn Technologies UFE2000-9-D Datasheet HTML 5Page - Artesyn Technologies UFE2000-9-D Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
Rev.06.14.11_47
UFE / UFR Series
6 of 6
AMBIENT TEMPERATURE (ºC)
1000
1100
1200
1300
1400
40
45
50
55
60
65
70
Below
120 Vac
120 Vac to
149 Vac
All Output Voltages
AMBIENT TEMPERATURE (ºC)
1400
1500
1600
1700
1800
1900
2000
2100
40
45
50
55
60
65
70
52-57 V
48 V
42 V
Above 180 Vac
AMBIENT TEMPERATURE (ºC)
1000
1100
1200
1300
1400
40
45
50
55
60
65
70
Figure1-ThermalDeratingCurveforUFE2000-96S48JModel
LowLineInputVoltage
Figure2-ThermalDeratingCurveforUFE2000-96S48JModel
HighLineInputVoltage
Figure3-ThermalDeratingCurveforUFE1300-96S24JModel
AllConditions
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.Emerson.com/EmbeddedPower
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
informationorforanyerrorsoromissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2011EmersonElectricCo.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
Outside Plant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DCPower


Similar Part No. - UFE2000-9-D

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
UFE2000-9-D EMERSON-NETWORKPOWER-UFE2000-9-D Datasheet
903Kb / 6P
   UFE / UFR Series Up to 6000 Watts
More results

Similar Description - UFE2000-9-D

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
UFE EMERSON-NETWORKPOWER-UFE_11 Datasheet
903Kb / 6P
   UFE / UFR Series Up to 6000 Watts
logo
Astec America, Inc
HPS10 ASTEC-HPS10 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
logo
Powerbox
SM6000 POWERBOX-SM6000 Datasheet
121Kb / 2P
   6000 WATTS PROGRAMMABLE DC SUPPLY
logo
Wall Industries,Inc.
DCSERIES WALL-DCSERIES Datasheet
173Kb / 3P
   UP TO 20 WATTS - DC SERIES
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
logo
Astec America, Inc
IMP ASTEC-IMP Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
logo
Teledyne Technologies I...
TSA-213245 TELEDYNE-TSA-213245 Datasheet
173Kb / 2P
   2000 TO 6000 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
logo
List of Unclassifed Man...
AF1000 ETC1-AF1000 Datasheet
294Kb / 1P
   AF1000 TO 6000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com