Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNB020-48-1PM-C Datasheet(PDF) 10 Page - Artesyn Technologies

Part # ADNB020-48-1PM-C
Description  The ADNB 96W series features a universal 88-264Vac input
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ADNB020-48-1PM-C Datasheet(HTML) 10 Page - Artesyn Technologies

Back Button ADNB020-48-1PM-C Datasheet HTML 6Page - Artesyn Technologies ADNB020-48-1PM-C Datasheet HTML 7Page - Artesyn Technologies ADNB020-48-1PM-C Datasheet HTML 8Page - Artesyn Technologies ADNB020-48-1PM-C Datasheet HTML 9Page - Artesyn Technologies ADNB020-48-1PM-C Datasheet HTML 10Page - Artesyn Technologies ADNB020-48-1PM-C Datasheet HTML 11Page - Artesyn Technologies ADNB020-48-1PM-C Datasheet HTML 12Page - Artesyn Technologies ADNB020-48-1PM-C Datasheet HTML 13Page - Artesyn Technologies ADNB020-48-1PM-C Datasheet HTML 14Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Technical Reference Note
Technical Reference Note
Artesyn Embedded Technologies
Rev.04.19.16_#1.1
ADNB 96W Series
Page 10
Protective Function Specifications
Over Voltage Protection (OVP)
The power supply output voltage latches off during output overvoltage with the AC line recycled to reset the latch.
ADNB075-12-1PM-C
ADNB064-15-1PM-C
ADNB040-24-1PM-C
ADNB020-48-1PM-C
Parameter
Min
Nom
Max
Unit
12V Vo Output Overvoltage
13.8
/
18
V
Parameter
Min
Nom
Max
Unit
15V Vo Output Overvoltage
17.25
/
22.5
V
Parameter
Min
Nom
Max
Unit
48V Vo Output Overvoltage
55.2
/
72
V
Parameter
Min
Nom
Max
Unit
24V Vo Output Overvoltage
27.6
/
36
V


Similar Part No. - ADNB020-48-1PM-C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ADNB025-24-1PM-C ARTESYN-ADNB025-24-1PM-C Datasheet
2Mb / 21P
   The ADNB 60W series features a universal 88-264Vac input
ADNB027-15-1PM-C ARTESYN-ADNB027-15-1PM-C Datasheet
3Mb / 21P
   The ADNB 40W series features a universal 88-264Vac input
More results

Similar Description - ADNB020-48-1PM-C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ADNB050-12-1PM-C ARTESYN-ADNB050-12-1PM-C Datasheet
2Mb / 21P
   The ADNB 60W series features a universal 88-264Vac input
ADNB034-12-1PM-C ARTESYN-ADNB034-12-1PM-C Datasheet
3Mb / 21P
   The ADNB 40W series features a universal 88-264Vac input
logo
Recom International Pow...
RAC150-G RECOM-RAC150-G Datasheet
932Kb / 8P
   Universal Input 90-264VAC
RAC04-C230 RECOM-RAC04-C230 Datasheet
90Kb / 3P
   Universal Input 80-264VAC
RAC35-G RECOM-RAC35-G Datasheet
548Kb / 5P
   Universal Input 90-264VAC
RAC45-G RECOM-RAC45-G Datasheet
550Kb / 5P
   Universal Input 90-264VAC
logo
RUBYCON CORPORATION
PSW60 RUBYCON-PSW60_15 Datasheet
200Kb / 2P
   85 to 264VAC universal input
MSW60 RUBYCON-MSW60 Datasheet
137Kb / 2P
   85 to 264VAC universal input
logo
Total Power Internation...
TPILED160 TOTAL-POWER-TPILED160 Datasheet
120Kb / 1P
   Universal AC Input 90-264Vac
logo
Wall Industries,Inc.
PSFAA-03 WALL-PSFAA-03 Datasheet
181Kb / 3P
   Universal Input of 85~264VAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com