Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNB040-15-1PM-C Datasheet(PDF) 4 Page - Artesyn Technologies

Part # ADNB040-15-1PM-C
Description  The ADNB 60W series features a universal 88-264Vac input
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ADNB040-15-1PM-C Datasheet(HTML) 4 Page - Artesyn Technologies

  ADNB040-15-1PM-C Datasheet HTML 1Page - Artesyn Technologies ADNB040-15-1PM-C Datasheet HTML 2Page - Artesyn Technologies ADNB040-15-1PM-C Datasheet HTML 3Page - Artesyn Technologies ADNB040-15-1PM-C Datasheet HTML 4Page - Artesyn Technologies ADNB040-15-1PM-C Datasheet HTML 5Page - Artesyn Technologies ADNB040-15-1PM-C Datasheet HTML 6Page - Artesyn Technologies ADNB040-15-1PM-C Datasheet HTML 7Page - Artesyn Technologies ADNB040-15-1PM-C Datasheet HTML 8Page - Artesyn Technologies ADNB040-15-1PM-C Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Technical Reference Note
Technical Reference Note
Artesyn Embedded Technologies
Rev.04.19.16_#1.1
ADNB 60W Series
Page 4
Input Specifications
Table 2. Input Specifications:
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage, AC1
All
V
IN,AC
88
115/230
264
Vac
Operating Input Voltage, DC
All
V
IN,DC
124
-
370
Vdc
Input AC Frequency
All
fIN
47
50/60
63
Hz
Input Current
V
IN,AC = 115Vac
V
IN,AC = 230Vac
I
IN,max
-
-
1.3
0.6
-
-
A
A
No Load Input Power
(VO = ON, IO = 0A)
V
IN,AC = 115/230Vac
PIN,no-load
-
-
5
W
Harmonic Line Currents
All
THD
EN61000-3-2/EN61000-3-3
Startup Surge Current (Inrush)
@ 25°C
V
IN,AC = 230Vac
IIN,surge
-
60
-
A
PK
Efficiency
(TA = 25oC, free air
convection cooling)
ADNB050-12-1PM-C
ADNB040-15-1PM-C
ADNB025-24-1PM-C
ADNB012-48-1PM-C
V
IN,AC = 230Vac
IO = IO,max
η
-
-
-
-
86
87
87
88
-
-
-
-
%
%
%
%
Hold Up Time
V
IN,AC = 115Vac
PO = PO,max
tHold-Up
16
-
-
mSec
V
IN,AC = 230Vac
PO = PO,max
tHold-Up
32
-
-
mSec
Turn On Delay
V
IN,AC = 115Vac
PO = PO,max
tTurn-On
-
-
800
mSec
V
IN,AC = 230Vac
PO = PO,max
tTurn-On
-
-
800
mSec
Leakage Current to safety ground
VIN = 240Vac
fIN = 50/60Hz
IIN,leakage
-
-
1000
µA


Similar Part No. - ADNB040-15-1PM-C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ADNB040-24-1PM-C ARTESYN-ADNB040-24-1PM-C Datasheet
2Mb / 21P
   The ADNB 96W series features a universal 88-264Vac input
More results

Similar Description - ADNB040-15-1PM-C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ADNB034-12-1PM-C ARTESYN-ADNB034-12-1PM-C Datasheet
3Mb / 21P
   The ADNB 40W series features a universal 88-264Vac input
ADNB075-12-1PM-C ARTESYN-ADNB075-12-1PM-C Datasheet
2Mb / 21P
   The ADNB 96W series features a universal 88-264Vac input
logo
Recom International Pow...
RAC150-G RECOM-RAC150-G Datasheet
932Kb / 8P
   Universal Input 90-264VAC
RAC04-C230 RECOM-RAC04-C230 Datasheet
90Kb / 3P
   Universal Input 80-264VAC
RAC35-G RECOM-RAC35-G Datasheet
548Kb / 5P
   Universal Input 90-264VAC
RAC45-G RECOM-RAC45-G Datasheet
550Kb / 5P
   Universal Input 90-264VAC
logo
RUBYCON CORPORATION
PSW60 RUBYCON-PSW60_15 Datasheet
200Kb / 2P
   85 to 264VAC universal input
MSW60 RUBYCON-MSW60 Datasheet
137Kb / 2P
   85 to 264VAC universal input
logo
Total Power Internation...
TPILED160 TOTAL-POWER-TPILED160 Datasheet
120Kb / 1P
   Universal AC Input 90-264Vac
logo
Wall Industries,Inc.
PSFAA-03 WALL-PSFAA-03 Datasheet
181Kb / 3P
   Universal Input of 85~264VAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com