Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNB040-15-1PM-C Datasheet(PDF) 3 Page - Artesyn Technologies

Part # ADNB040-15-1PM-C
Description  The ADNB 60W series features a universal 88-264Vac input
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ADNB040-15-1PM-C Datasheet(HTML) 3 Page - Artesyn Technologies

  ADNB040-15-1PM-C Datasheet HTML 1Page - Artesyn Technologies ADNB040-15-1PM-C Datasheet HTML 2Page - Artesyn Technologies ADNB040-15-1PM-C Datasheet HTML 3Page - Artesyn Technologies ADNB040-15-1PM-C Datasheet HTML 4Page - Artesyn Technologies ADNB040-15-1PM-C Datasheet HTML 5Page - Artesyn Technologies ADNB040-15-1PM-C Datasheet HTML 6Page - Artesyn Technologies ADNB040-15-1PM-C Datasheet HTML 7Page - Artesyn Technologies ADNB040-15-1PM-C Datasheet HTML 8Page - Artesyn Technologies ADNB040-15-1PM-C Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Technical Reference Note
Technical Reference Note
Artesyn Embedded Technologies
Rev.04.19.16_#1.1
ADNB 60W Series
Page 3
Table 1. Absolute Maximum Ratings:
Parameter
Model
Symbol
Min
Typ
Max
Unit
Input Voltage
AC continuous operation
DC continuous operation
All models
All models
V
IN,AC
V
IN,DC
88
124
-
-
264
370
Vac
Vdc
Maximum Output Power
Convection continuous operation
All models
PO,max
-
-
60
W
Isolation Voltage
Input to Output
Input to Safety Ground
Output to Earth Ground
All models
All models
All models
-
-
-
-
-
-
4242
2121
500
Vdc
Vdc
Vdc
Ambient Operating Temperature
All models
T
A
-20
-
+701
OC
Storage Temperature
All models
TSTG
-40
-
+85
OC
Humidity (non-condensing)
Operating
Non-operating
All models
All models
20
10
-
-
90
95
%
%
MTBF
All models
-
407.1
-
Khours
Note 1 - Derate each output at 2.5% per degree C from 50 OC to 70 OC.
Electrical Specifications
Absolute Maximum Ratings
Stress in excess of those listed in the “Absolute Maximum Ratings” may cause permanent damage to the power supply.
These are stress ratings only and functional operation of the unit is not implied at these or any other conditions above
those given in the operational sections of this TRN. Exposure to any absolute maximum rated condition for extended
periods may adversely affect the power supply’s reliability.


Similar Part No. - ADNB040-15-1PM-C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ADNB040-24-1PM-C ARTESYN-ADNB040-24-1PM-C Datasheet
2Mb / 21P
   The ADNB 96W series features a universal 88-264Vac input
More results

Similar Description - ADNB040-15-1PM-C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ADNB034-12-1PM-C ARTESYN-ADNB034-12-1PM-C Datasheet
3Mb / 21P
   The ADNB 40W series features a universal 88-264Vac input
ADNB075-12-1PM-C ARTESYN-ADNB075-12-1PM-C Datasheet
2Mb / 21P
   The ADNB 96W series features a universal 88-264Vac input
logo
Recom International Pow...
RAC150-G RECOM-RAC150-G Datasheet
932Kb / 8P
   Universal Input 90-264VAC
RAC04-C230 RECOM-RAC04-C230 Datasheet
90Kb / 3P
   Universal Input 80-264VAC
RAC35-G RECOM-RAC35-G Datasheet
548Kb / 5P
   Universal Input 90-264VAC
RAC45-G RECOM-RAC45-G Datasheet
550Kb / 5P
   Universal Input 90-264VAC
logo
RUBYCON CORPORATION
PSW60 RUBYCON-PSW60_15 Datasheet
200Kb / 2P
   85 to 264VAC universal input
MSW60 RUBYCON-MSW60 Datasheet
137Kb / 2P
   85 to 264VAC universal input
logo
Total Power Internation...
TPILED160 TOTAL-POWER-TPILED160 Datasheet
120Kb / 1P
   Universal AC Input 90-264Vac
logo
Wall Industries,Inc.
PSFAA-03 WALL-PSFAA-03 Datasheet
181Kb / 3P
   Universal Input of 85~264VAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com