Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG952U035V3C Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # CG952U035V3C
Description  Reliable Screw Terminal Aluminum Electrolytic Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CG952U035V3C Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  CG952U035V3C Datasheet HTML 1Page - Cornell Dubilier Electronics CG952U035V3C Datasheet HTML 2Page - Cornell Dubilier Electronics CG952U035V3C Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CG Reliable Screw Terminal Aluminum Electrolytic Capacitor
85 ºC, Screw Terminal Capacitors
Highlights
High reliability at 85 ºC
Screw Terminal
Long Life
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature:
Ripple Current Multipliers:
40 to 160,000 µF
10 to 450 WVdc
–10% +75% (10 - 150 WVdc)
–10% +50% (151 - 450 WVdc)
–40 ºC to +85 ºC
Ambient Temperature
25 ºC
35 ºC
45 ºC
55 ºC
65 ºC
85 ºC
2.00
1.88
1.72
1.58
1.42
1.00
Rated
Ripple Multiplier
Voltage
120 Hz 400 Hz 1000 Hz 2500 Hz 10 kHz
10 to 75
1.000
1.050
1.085
1.135
1.150
76 to 250
1.000
1.075
1.125
1.155
1.210
251 to 450 1.000
1.080
1.130
1.175
1.230
DC Leakage Current:
QA Stability Test:
I 3 √CV after 5 minutes
Not to exceed 4.0 mA
C = Capacitance in µF
V = Rated Voltage
I = Leakage current in µA
Apply WVdc for 2000 h @ 85 ºC
Capacitance change ±15% from initial limits
DC leakage current: 200% of limit
ESR: 175% of limit
Ratings
Typical Max Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz
+85 ºC
Dia.
Length
(µF)
(Ω)
(A) RMS (Inches) (Inches)
10 WVdc ( 15 Vdc Surge )
160,000 CG164U010X5L
0.006
27.1
3
5.625
16 WVdc ( 20 Vdc Surge )
2,500
CG252U016R2C
0.047
3.9
1.375
2.125
6,500
CG652U016R2C
0.039
4.3
1.375
2.125
10,500 CG1052U016V3C
0.027
7.6
2.000
3.125
Typical Max Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz
+85 ºC
Dia.
Length
(µF)
(Ω)
(A) RMS (Inches) (Inches)
16 WVdc ( 20 Vdc Surge )
12,000 CG123U016R3C 0.024
6.4
1.375
3.125
18,000 CG183U016R4C 0.018
8.3
1.375
4.125
21,000 CG213U016U3C 0.012
10.5
1.750
3.125
27,000 CG273U016V3C 0.012
11.4
2.000
3.125
40,000 CG403U016V4C 0.009
14.7
2.000
4.125
Type CG screw terminal, aluminum electrolytic
capacitors have excellent reliability and are good
for 2000 hours at 85 ºC at full rated voltage.
Click here to see: Hardware & Mounting
Options
Click here to see: Mechanical Details
RoHS Compliant


Similar Part No. - CG952U035V3C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CG952U035V3C CDE-CG952U035V3C Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
More results

Similar Description - CG952U035V3C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CG164U010X5L CDE-CG164U010X5L Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
CGS733U6R3R2L CDE-CGS733U6R3R2L Datasheet
263Kb / 7P
   High-Cap Screw Terminal Aluminum Electrolytic Capacitor
CGS CDE-CGS_17 Datasheet
824Kb / 8P
   High-Cap Screw Terminal Aluminum Electrolytic Capacitor
CGS733U6R3R2L CDE-CGS733U6R3R2L Datasheet
488Kb / 8P
   High-Cap Screw Terminal Aluminum Electrolytic Capacitor
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com