Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MENB1020A0503F01 Datasheet(PDF) 1 Page - SL Power Electronics

Part # MENB1020A0503F01
Description  Medical Switch-Mode Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MENB1020A0503F01 Datasheet(HTML) 1 Page - SL Power Electronics

  MENB1020A0503F01 Datasheet HTML 1Page - SL Power Electronics MENB1020A0503F01 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
______________________________________________________________________________________________________________________________
1 of 2
SL Power Electronics Corp
6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
RoHS
Specifications
All Specifications are typical at nominal input, full load at 25
°C unless otherwise stated.
AC Input
100-240Vac, -/-10%, 47-63 Hz, 1
MTBF
100,000 hours (calculated)
Input Current
100Vac: 0.5A
Hold-up Time
18 ms min. @ 115Vac, 60 ms min. @ 230 Vac
Inrush Current
Inrush limiting provided, 60 A peak
Overload Protection
Hiccup Mode
Input Fuse
Internal Primary Current Fuse provided: 3.15A, 250Vac
Short Circuit Protection
Hiccup Mode
Efficiency
Meets EISA2007, CEC Efficiency Level V,
EU (EC) No 278/2009 Phase II
Topology
Switching – Fixed Frequency Flyback
Output Voltage
See chart
Safety Standards
EN/IEC/CSA/UL60601-1, 3
rd Edition
Output Power
See chart
EMC, Radiated & Conducted
See chart below
Ripple and Noise
1% pk-pk max., 20MHz BW
Dielectric Withstand
Input-Output: 5,656VDC,
Input-Ground: 1,500Vac, Output-Ground: 500Vdc
Line & Load Voltage Regulation
Line: +/- 1%, Load: +/-5%
Operating Temperature
0
° to 40°C, no derating
Minimum Load
Not required
Storage Temperature
-30 to +85
°C
Transient Response
500 us max, 50% load step
Relative Humidity
5% to 95%, non-condensing
Case Dimensions
84 X 47 X 32mm. See outline drawing
Altitude
0 to 10,000 ft
Case Material
Black 94V0 Polycarbonate
Turn-on Time
2 sec max, 115/230 Vac
Weight
150g
Output Cable
5V – 9V outputs: #18AWG (SPT-1), 1500mm, 2 conductor
12V – 48V outputs: #20AWG (UL1185), 1500mm, 2 conductor
Output Connector
2.5mm barrel type (Ault #3), center contact (+)
EMC Specifications
Conducted Emissions
EN55011 Class B, FCC Part 15, Class B.
Radiated Emissions
EN55011 Class B, FCC Part 15, Class B.
Line Frequency Harmonics
EN61000-3-2, Class A
Voltage Fluctuations/Flicker
EN61000-3-3
Static Discharge Immunity
EN61000-4-2, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 3V/m.
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz.
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode
Conducted RF Immunity
EN61000-4-6, 3Vrms
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m
Voltage Dip Immunity
EN61000-4-11, Criteria A
MENB1020
Universal 20 Watt Series
Medical Switch-Mode Power Supply
3 Year Warranty
100-240VAC Universal Input Range
Meets EISA2007, CEC Efficiency Level V,
EU (EC) No 278/2009 Phase II
Desktop & Wall Plug Styles
5V to 48V Single Output Models, up to 20W
Modified and Custom Designs Available
Regulated Output with Low Ripple
Impact-Resistant Polycarbonate Enclosure
No load Power Consumption <0.3W
Limited Power Source
Certified to UL/EN60601-1,
3
rd Edition, 2 MOPP
Isolation


Similar Part No. - MENB1020A0503F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MENB1020A0503F01 SLPOWER-MENB1020A0503F01 Datasheet
398Kb / 2P
   Medical Switch-Mode Power Supply
More results

Similar Description - MENB1020A0503F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MENB1121 SLPOWER-MENB1121_13 Datasheet
180Kb / 2P
   Medical Switch-Mode Power Supply
MW173KB SLPOWER-MW173KB Datasheet
129Kb / 3P
   Medical Switch-Mode Power Supply
MW174KB SLPOWER-MW174KB Datasheet
361Kb / 2P
   Medical / Switch Mode Power Supply
MW152 SLPOWER-MW152 Datasheet
350Kb / 2P
   Medical / Switch Mode Power Supply
MENB1010 SLPOWER-MENB1010 Datasheet
147Kb / 2P
   Medical Switch-Mode Power Supply
MENB1050 SLPOWER-MENB1050 Datasheet
261Kb / 2P
   Medical Switch-Mode Power Supply
MENB1020 SLPOWER-MENB1020 Datasheet
398Kb / 2P
   Medical Switch-Mode Power Supply
MW170KB SLPOWER-MW170KB Datasheet
153Kb / 3P
   Medical Switch-Mode Power Supply
MW172KB SLPOWER-MW172KB Datasheet
153Kb / 3P
   Medical Switch-Mode Power Supply
MENB1040 SLPOWER-MENB1040 Datasheet
212Kb / 2P
   Medical Switch-Mode Power Supply
MENB1060 SLPOWER-MENB1060 Datasheet
235Kb / 2P
   Medical Switch-Mode Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com