Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CINT3110 Datasheet(PDF) 6 Page - SL Power Electronics

Part # CINT3110
Description  industrial grade, high efficiency, triple output power supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT3110 Datasheet(HTML) 6 Page - SL Power Electronics

Back Button CINT3110_14 Datasheet HTML 2Page - SL Power Electronics CINT3110_14 Datasheet HTML 3Page - SL Power Electronics CINT3110_14 Datasheet HTML 4Page - SL Power Electronics CINT3110_14 Datasheet HTML 5Page - SL Power Electronics CINT3110_14 Datasheet HTML 6Page - SL Power Electronics CINT3110_14 Datasheet HTML 7Page - SL Power Electronics CINT3110_14 Datasheet HTML 8Page - SL Power Electronics CINT3110_14 Datasheet HTML 9Page - SL Power Electronics CINT3110_14 Datasheet HTML 10Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CINT3110
110W Triple Output
Industrial Series
www.slpower.com
CINT3110 REV 1.2, 19-SEP-14
6
Ripple & Noise
To verify that the output ripple and noise does not exceed the level specified in the product specification. Measured using a scope probe socket with
0.1µF ceramic and a 10µF electrolytic capacitor connected in parallel across it, BW limit with 20MHz.
Output Transient Response V1
50% load step within the regulation limits of minimum and maximum load, di/dt<0.2A/µSec. Recovery time not specified as there is no laps in regulation
with a 50% Load Step. Maximum voltage deviation is 3%.
Output Transient Response V2
50% load step within the regulation limits of minimum and maximum load, di/dt<0.2A/µSec. Recovery time not specified as there is no laps in regulation
with a 50% Load Step. Maximum voltage deviation is 3%.


Similar Part No. - CINT3110_14

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT3110A1708K01 SLPOWER-CINT3110A1708K01 Datasheet
1,003Kb / 10P
   The CINT3110 Series are industrial grade, high efficiency, triple output power supplies in a small 2??x 4??size.
CINT3110A1908K01 SLPOWER-CINT3110A1908K01 Datasheet
1,003Kb / 10P
   The CINT3110 Series are industrial grade, high efficiency, triple output power supplies in a small 2??x 4??size.
More results

Similar Description - CINT3110_14

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT3110 SLPOWER-CINT3110 Datasheet
1,003Kb / 10P
   The CINT3110 Series are industrial grade, high efficiency, triple output power supplies in a small 2??x 4??size.
logo
B&K Precision Corporati...
1670A BK-1670A Datasheet
427Kb / 1P
   Triple Output DC Power Supplies
1651A BK-1651A Datasheet
830Kb / 1P
   Triple Output DC Power Supplies
1760A BK-1760A Datasheet
521Kb / 1P
   Triple Output DC Power Supplies
1672 BK-1672 Datasheet
1Mb / 3P
   Triple Output DC Power Supplies
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com