Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CINT3110A0508K01 Datasheet(PDF) 9 Page - SL Power Electronics

Part # CINT3110A0508K01
Description  industrial grade, high efficiency, triple output power supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT3110A0508K01 Datasheet(HTML) 9 Page - SL Power Electronics

Back Button CINT3110A0508K01 Datasheet HTML 2Page - SL Power Electronics CINT3110A0508K01 Datasheet HTML 3Page - SL Power Electronics CINT3110A0508K01 Datasheet HTML 4Page - SL Power Electronics CINT3110A0508K01 Datasheet HTML 5Page - SL Power Electronics CINT3110A0508K01 Datasheet HTML 6Page - SL Power Electronics CINT3110A0508K01 Datasheet HTML 7Page - SL Power Electronics CINT3110A0508K01 Datasheet HTML 8Page - SL Power Electronics CINT3110A0508K01 Datasheet HTML 9Page - SL Power Electronics CINT3110A0508K01 Datasheet HTML 10Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CINT3110
110W Triple Output
Industrial Series
www.slpower.com
CINT3110 REV 1.2, 19-SEP-14
9
Output Short Circuit Characteristic V3
Output Overvoltage Characteristic V1
Supply shall protect itself against over voltage conditions. The Power Supply shall latch and require AC input recycle to reset.
AC input 90V 60Hz
AC input 264V 50Hz
Output Overvoltage Characteristic V2


Similar Part No. - CINT3110A0508K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT3110A0508K01 SLPOWER-CINT3110A0508K01 Datasheet
1,003Kb / 10P
   The CINT3110 Series are industrial grade, high efficiency, triple output power supplies in a small 2??x 4??size.
More results

Similar Description - CINT3110A0508K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT3110 SLPOWER-CINT3110 Datasheet
1,003Kb / 10P
   The CINT3110 Series are industrial grade, high efficiency, triple output power supplies in a small 2??x 4??size.
logo
B&K Precision Corporati...
1670A BK-1670A Datasheet
427Kb / 1P
   Triple Output DC Power Supplies
1651A BK-1651A Datasheet
830Kb / 1P
   Triple Output DC Power Supplies
1760A BK-1760A Datasheet
521Kb / 1P
   Triple Output DC Power Supplies
1672 BK-1672 Datasheet
1Mb / 3P
   Triple Output DC Power Supplies
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com