Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CINT1275A1514K01 Datasheet(PDF) 6 Page - SL Power Electronics

Part # CINT1275A1514K01
Description  Up to 275W of AC-DC Power
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT1275A1514K01 Datasheet(HTML) 6 Page - SL Power Electronics

  CINT1275A1514K01 Datasheet HTML 1Page - SL Power Electronics CINT1275A1514K01 Datasheet HTML 2Page - SL Power Electronics CINT1275A1514K01 Datasheet HTML 3Page - SL Power Electronics CINT1275A1514K01 Datasheet HTML 4Page - SL Power Electronics CINT1275A1514K01 Datasheet HTML 5Page - SL Power Electronics CINT1275A1514K01 Datasheet HTML 6Page - SL Power Electronics CINT1275A1514K01 Datasheet HTML 7Page - SL Power Electronics CINT1275A1514K01 Datasheet HTML 8Page - SL Power Electronics CINT1275A1514K01 Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CINT1275
275W Single Output
Industrial Series
www.slpower.com
CINT1275 REV 1.4 22-JAN-14
6
Output Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Voltage Setpoint Accuracy
CINT1275A1214K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Voltage Setpoint Accuracy
CINT1275A1514K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Voltage Setpoint Accuracy
CINT1275A2414K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Voltage Setpoint Accuracy
CINT1275A4814K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Voltage Setpoint Accuracy
CINT1275A5614K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Current V1
Output Current V2
CINT1275A1214K01
0
0
15.0
-
21.83
1.0
ADC
ADC
Output Current V1
Output Current V2
CINT1275A1514K01
0
0
12.0
-
17.47
1.0
ADC
ADC
Output Current V1
Output Current V2
CINT1275A2414K01
0
0
7.5
-
10.92
1.0
ADC
ADC
Output Current V1
Output Current V2
CINT1275A4814K01
0
0
3.75
-
5.46
1.0
ADC
ADC
Output Current V1
Output Current V2
CINT1275A5614K01
0
0
3.21
-
4.68
1.0
ADC
ADC
Static Line Regulation V1
Vi min-Vi max, Vi nom, 0-100% Io nom
-1
-
1
% Vo nom
Static Load Regulation V1
(Droop Characteristic)
Vi min-Vi max, Vi nom, 0-100% Io nom
-3
-
3
% Vo nom
Hold-Up Time
Starting at Vi = 230 VAC, Po nom
-
16
-
ms
Dynamic Load Regulation
Load change =50%, di/dt =0.2A/µS
voltage deviation 3%
0
3
% Vo nom
Start-Up Time
Vi nom, Io nom
0
-
2
s
Protection
All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Fuse
Not user accessible
Input Transient Protection
2KV(CM) and 1KV(DM) surge
2
KV (CM)
Output
No-load and short circuit proof
Hiccup
short circuit proof
Hiccup
overload (latch style)
Hiccup
Overvoltage Protection
Latch style
Latch
Over temperature Protection
Automatic power shutdown at TC =135°C


Similar Part No. - CINT1275A1514K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1275A1514K01 SLPOWER-CINT1275A1514K01 Datasheet
719Kb / 9P
   A Superior performance 275 Watts AC to DC power supply designed for industrial and ITE applications.
More results

Similar Description - CINT1275A1514K01

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PB1005AC VICOR-PB1005AC Datasheet
341Kb / 4P
   AC/DC Power Supply Up to 5 Outputs 1000W
logo
AIMTEC
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ Datasheet
374Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ Datasheet
514Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR10D-AZ AIMTEC-AMEPR10D-AZ Datasheet
427Kb / 4P
   up to 0.7A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ Datasheet
519Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ_13 Datasheet
510Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR5-1630AZ AIMTEC-AMEPR5-1630AZ Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_13 Datasheet
516Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com