Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ME10A1203F01 Datasheet(PDF) 1 Page - SL Power Electronics

Part # ME10A1203F01
Description  10W-12W Single Output External Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

ME10A1203F01 Datasheet(HTML) 1 Page - SL Power Electronics

  ME10A1203F01 Datasheet HTML 1Page - SL Power Electronics ME10A1203F01 Datasheet HTML 2Page - SL Power Electronics ME10A1203F01 Datasheet HTML 3Page - SL Power Electronics ME10A1203F01 Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ME10
10W-12W Single Output External Power
Medical Series
www.slpower.com
ME10 Rev 2.7
02-MAY-16
1
Features
Meets UL/EN/IEC60601-1-2, 4th edition for
EMC
*
Approved to EN/IEC/UL60601-1, 3rd edition
applications with and isolation levels which
satisfy the 2 MOPP requirements
Meets DoE Efficiency Level VI Requirements
No load input power
Average Efficiency
Up to 12W of AC-DC Power
Universal Input 90-264Vac Input Range
Desktop and Wall-Plug versions
Meets EN55011/CISPR11, FCC Part 15.109
Class B Conducted & Radiated Emissions, with
6db margin
E-cap life of >7 years
<1,000,000 Hours MTBF
3 Year Warranty
IP22 Rated Enclosure
Description
A high performance AC to DC external power supply family designed for medical applications. The ME10 Medical Series
external AC-DC power supplies are approved to safety EN/IEC/UL60601-1, 3rd edition, with isolation levels which satisfy the 2
MOPP requirements; and designed to UL/EN/IEC60601-1-2, 4th edition for EMC
*. The ME10 Series models will operate at
universal input range of 90 to 264Vac over the wide temperature range of -20°C to +50°C, delivering full rated output power up
to +40°C and applicable output power derating at 50
°C. These models are available in desktop and wall-plug versions, include
an IP22 rating per IEC60529 for the enclosure, and output cable terminated at a variety of output connectors.
*Consult Factory for Table 9 compliance information.
Model Selection
Model
Output
Output
Ripple &
Line
Load
Output
Input
Number
Volts
Current
Power
Noise
¹
Regulation
Regulation
Connector
Configuration
ME10A0503F01
5.0V
2.0A
10W
75mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class I Desktop,
IEC60320 C14
Receptacle
ME10A0603F01
5.9V
1.6A
10W
75mV pk-pk
±1%
±5%
ME10A0703F01
7.5V
1.3A
10W
75mV pk-pk
±1%
±5%
ME10A0903F01
9.0V
1.1A
10W
90mV pk-pk
±1%
±5%
ME10A1203F01
12.0V
1.0A
12W
120mV pk-pk
±1%
±5%
ME10A1503F01
15.0V
0.8A
12W
150mV pk-pk
±1%
±5%
ME10A2403F01
24.0V
0.5A
12W
240mV pk-pk
±1%
±5%
ME10A0503N01
5.0V
2.0A
10W
75mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Desktop,
IEC60320 C8
Receptacle
ME10A0603N01
5.9V
1.6A
10W
75mV pk-pk
±1%
±5%
ME10A0703N01
7.5V
1.3A
10W
75mV pk-pk
±1%
±5%
ME10A0903N01
9.0V
1.1A
10W
90mV pk-pk
±1%
±5%
ME10A1203N01
12.0V
1.0A
12W
120mV pk-pk
±1%
±5%
ME10A1503N01
15.0V
0.8A
12W
150mV pk-pk
±1%
±5%
ME10A2403N01
24.0V
0.5A
12W
240mV pk-pk
±1%
±5%
ME10A0503Q01
5.0V
2.0A
10W
75mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Desktop,
IEC60320 C18
Receptacle
ME10A0603Q01
5.9V
1.6A
10W
75mV pk-pk
±1%
±5%
ME10A0703Q01
7.5V
1.3A
10W
75mV pk-pk
±1%
±5%
ME10A0903Q01
9.0V
1.1A
10W
90mV pk-pk
±1%
±5%
ME10A1203Q01
12.0V
1.0A
12W
120mV pk-pk
±1%
±5%
ME10A1503Q01
15.0V
0.8A
12W
150mV pk-pk
±1%
±5%
ME10A2403Q01
24.0V
0.5A
12W
240mV pk-pk
±1%
±5%
LPS


Similar Part No. - ME10A1203F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME10A1203F01 SLPOWER-ME10A1203F01 Datasheet
655Kb / 4P
   10W-12W Single Output External Power Medical Series
More results

Similar Description - ME10A1203F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE10 SLPOWER-TE10_16 Datasheet
806Kb / 5P
   10W-12W Single Output External Power
TE10 SLPOWER-TE10 Datasheet
739Kb / 4P
   10W-12W Single Output External Power
ME10 SLPOWER-ME10 Datasheet
655Kb / 4P
   10W-12W Single Output External Power Medical Series
logo
Mean Well Enterprises C...
APC-12 MEANWELL-APC-12 Datasheet
182Kb / 2P
   12W Single Output Switching Power Supply
APV-12 MEANWELL-APV-12_12 Datasheet
790Kb / 2P
   12W Single Output Switching Power Supply
APC-12E MEANWELL-APC-12E Datasheet
75Kb / 3P
   12W Single Output Switching Power Supply
APC-12 MEANWELL-APC-12_12 Datasheet
804Kb / 3P
   12W Single Output Switching Power Supply
APV-12E MEANWELL-APV-12E Datasheet
76Kb / 3P
   12W Single Output Switching Power Supply
APV-12 MEANWELL-APV-12 Datasheet
208Kb / 2P
   12W Single Output Switching Power Supply
logo
SL Power Electronics
ME60 SLPOWER-ME60 Datasheet
707Kb / 4P
   60W Single Output External Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com