Electronic Components Datasheet Search |
|
CINT1150A5606K01 Datasheet(PDF) 2 Page - SL Power Electronics |
|
CINT1150A5606K01 Datasheet(HTML) 2 Page - SL Power Electronics |
2 / 8 page CINT1150 150W Single Output Industrial Series www.slpower.com CINT1150 REV 2.7, 11-JUNE-13 2 General Specifications (continued) Earth Leakage Current <750µA@264Vac, 60Hz, NC Short Circuit Protection Provided - no damage will occur if the output is shorted. Hiccup Mode Efficiency 88% typical at 115Vac Overvoltage Protection OVP firing reduces output voltage to <50% of nominal in <50mS. See chart for trip range. Output Power 150W continuous with 200 lfm airflow, 100W convection cooled – See chart for specific voltage model ratings. Switching Frequency PFC: Variable 30-400kHz. Main Converter: Variable 35-180kHz, 65- 70kHz at full load. Transient Response 50% load step. ∆i/∆t: <0.2A/µS Max Volt Deviation = 3% Isolation Input-Output: 4000Vac Input-Ground: 1800Vac Output-Ground: 500Vac Ripple and Noise See chart Operating Temperature -10°C to +70°C -40C Start Up Output Voltage See chart Temperature Derating Derate output power linearly above 50°C to 50% at 70°C Voltage Adjustability +/-5% from nominal Storage Temperature -40°C to +85°C Minimum Load Not required Altitude Operating: -500 to 10,000 ft Non-operating: -500 to 40,000 ft. Total Regulation +/- 5%. See chart Relative Humidity 5% to 95%, non-condensing Vibration Operating: 0.003g/Hz, 1.5grms overall, 3 axes, 10 min/axis Non-Operating: 0.026g2/Hz, 5.0grms overall, 3 axes, 1 hr/axis Shock Operating: Half-sine, 20gpk, 10ms, 3 axes, 6 shocks total Non-Operating: Half-sine, 40 gpk, 10 ms, 3 axes, 6 shocks total Dimensions W: 2.0” x L: 4.0” x H: 1.3” Safety Standards EN/CSA/UL/IEC60950-1, 2nd Edition Weight 183g MTBF 640,000 hours at 100W convection, 1,500,000 hours at 150W with 200LFM air Auxiliary Signals AC Power Fail: During normal operations, stays HIGH. Power Fail: Goes LOW with 5 mS warning before loss of output power due to AC failure DC OK: Open collector logic signal goes and stays HIGH 100mS to 500mS after main output reaches regulation. |
Similar Part No. - CINT1150A5606K01 |
|
Similar Description - CINT1150A5606K01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |