Electronic Components Datasheet Search |
|
MC100EL35DTG Datasheet(PDF) 1 Page - ON Semiconductor |
|
MC100EL35DTG Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 7 page © Semiconductor Components Industries, LLC, 2016 July, 2016 − Rev. 8 1 Publication Order Number: MC10EL35/D MC10EL35, MC100EL35 5 V ECL JK Flip‐Flop Description The MC10EL/100EL35 is a high speed JK flip-flop. The J/K data enters the master portion of the flip-flop when the clock is LOW and is transferred to the slave, and thus the outputs, upon a positive transition of the clock. The reset pin is asynchronous and is activated with a logic HIGH. The 100 Series contains temperature compensation. Features • 525 ps Propagation Delay • 2.2G Hz Toggle Frequency • ESD Protection: ♦ > 1 kV Human Body Model ♦ > 100 V Machine Model • PECL Mode Operating Range: VCC = 4.2 V to 5.7 with VEE = 0 V • NECL Mode Operating Range: VCC = 0 V with VEE = −4.2 V to −5.7 V • Internal Input Pulldown Resistors on J, K, CLK, and R • Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test • Moisture Sensitivity: ♦ Level 1 for SOIC−8 NB ♦ Level 3 for TSSOP−8 ♦ For Additional Information, see Application Note AND8003/D • Flammability Rating: UL−94 V−0 @ 0.125 in, Oxygen Index 28 to 34 • Transistor Count = 81 Devices • These Devices are Pb-Free, Halogen Free and are RoHS Compliant *For additional marking information, refer to Application Note AND8002/D. MARKING DIAGRAMS* KL35 ALYWG G SOIC−8 NB D SUFFIX CASE 751−05 1 8 TSSOP−8 DT SUFFIX CASE 948R−02 1 8 1 8 www.onsemi.com KEL35 ALYW G 1 8 HL35 ALYWG G 1 8 HEL35 ALYW G 1 8 (Note: Microdot may be in either location) H = MC10 K = MC100 A = Assembly Location L = Wafer Lot Y = Year W = Work Week G = Pb-Free Package SOIC−8 TSSOP−8 ORDERING INFORMATION Device Package Shipping MC10EL35DG SOIC−8 NB (Pb-Free) 98 Units / Tube MC10EL35DTG TSSOP−8 (Pb-Free) 100 Unit / Tube MC100EL35DTG 100 Units / Tube TSSOP−8 (Pb-Free) MC100EL35DG 98 Units / tube SOIC−8 NB (Pb-Free) |
Similar Part No. - MC100EL35DTG |
|
Similar Description - MC100EL35DTG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |