Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL35DG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EL35DG
Description  5 V ECL JK Flip?륡lop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL35DG Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EL35DG Datasheet HTML 1Page - ON Semiconductor MC100EL35DG Datasheet HTML 2Page - ON Semiconductor MC100EL35DG Datasheet HTML 3Page - ON Semiconductor MC100EL35DG Datasheet HTML 4Page - ON Semiconductor MC100EL35DG Datasheet HTML 5Page - ON Semiconductor MC100EL35DG Datasheet HTML 6Page - ON Semiconductor MC100EL35DG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 8
1
Publication Order Number:
MC10EL35/D
MC10EL35, MC100EL35
5 V ECL JK Flip‐Flop
Description
The MC10EL/100EL35 is a high speed JK flip-flop. The J/K data
enters the master portion of the flip-flop when the clock is LOW and is
transferred to the slave, and thus the outputs, upon a positive transition
of the clock. The reset pin is asynchronous and is activated with a logic
HIGH.
The 100 Series contains temperature compensation.
Features
525 ps Propagation Delay
2.2G Hz Toggle Frequency
ESD Protection:
> 1 kV Human Body Model
> 100 V Machine Model
PECL Mode Operating Range: VCC = 4.2 V to 5.7 with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V with
VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors on J, K, CLK, and R
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity:
Level 1 for SOIC−8 NB
Level 3 for TSSOP−8
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL−94 V−0 @ 0.125 in,
Oxygen Index 28 to 34
Transistor Count = 81 Devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
*For additional marking information, refer to
Application Note AND8002/D.
MARKING DIAGRAMS*
KL35
ALYWG
G
SOIC−8 NB
D SUFFIX
CASE 751−05
1
8
TSSOP−8
DT SUFFIX
CASE 948R−02
1
8
1
8
www.onsemi.com
KEL35
ALYW
G
1
8
HL35
ALYWG
G
1
8
HEL35
ALYW
G
1
8
(Note: Microdot may be in either location)
H = MC10
K = MC100
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
G = Pb-Free Package
SOIC−8
TSSOP−8
ORDERING INFORMATION
Device
Package
Shipping
MC10EL35DG
SOIC−8 NB
(Pb-Free)
98 Units / Tube
MC10EL35DTG
TSSOP−8
(Pb-Free)
100 Unit / Tube
MC100EL35DTG
100 Units / Tube
TSSOP−8
(Pb-Free)
MC100EL35DG
98 Units / tube
SOIC−8 NB
(Pb-Free)


Similar Part No. - MC100EL35DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL35DG ONSEMI-MC100EL35DG Datasheet
144Kb / 8P
   5V ECL JK Flip-Flop
December, 2006 ??Rev. 6
More results

Similar Description - MC100EL35DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35_16 Datasheet
180Kb / 10P
   ECL JK Flip?륡lop
August, 2016 ??Rev. 7
MC10E131 ONSEMI-MC10E131_16 Datasheet
161Kb / 8P
   5V ECL 4?륛it D Flip?륡lop
July, 2016 ??Rev. 12
MC10EL51 ONSEMI-MC10EL51_16 Datasheet
168Kb / 7P
   5V ECL Differential Clock D Flip?륡lop
July, 2016 ??Rev. 8
MC10EL52 ONSEMI-MC10EL52_16 Datasheet
170Kb / 8P
   5 V ECL Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC100LVEL51 ONSEMI-MC100LVEL51_16 Datasheet
172Kb / 9P
   3.3V ECL Differential Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC10EL35 ONSEMI-MC10EL35_06 Datasheet
144Kb / 8P
   5V ECL JK Flip-Flop
December, 2006 ??Rev. 6
MC100LVEL31 ONSEMI-MC100LVEL31_16 Datasheet
152Kb / 6P
   3.3 V ECL D Flip?륡lop with Set and Reset
July, 2016 ??Rev. 5
MC10EP35 ONSEMI-MC10EP35_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL JK Flip?묯lop
December, 2006 ??Rev. 5
MC10E431 ONSEMI-MC10E431_16 Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
MC10EP52 ONSEMI-MC10EP52_16 Datasheet
189Kb / 11P
   ECL Differential Data and Clock D Flip?륡lop
August, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com