Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL57DR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EL57DR2G
Description  5 V ECL 4:1 Differential Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL57DR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EL57DR2G Datasheet HTML 1Page - ON Semiconductor MC100EL57DR2G Datasheet HTML 2Page - ON Semiconductor MC100EL57DR2G Datasheet HTML 3Page - ON Semiconductor MC100EL57DR2G Datasheet HTML 4Page - ON Semiconductor MC100EL57DR2G Datasheet HTML 5Page - ON Semiconductor MC100EL57DR2G Datasheet HTML 6Page - ON Semiconductor MC100EL57DR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 8
1
Publication Order Number:
MC10EL57/D
MC10EL57, MC100EL57
5 V ECL 4:1 Differential
Multiplexer
Description
The MC10/100EL57 is a fully differential 4:1 multiplexer. By
leaving the SEL1 line open (pulled LOW via the input pulldown
resistors) the device can also be used as a differential 2:1 multiplexer
with SEL0 input selecting between D0 and D1.
The SEL1 is the most significant select line. The binary number
applied to the select inputs will select the same numbered data input
(i.e., 00 selects D0).
Multiple VBB outputs are provided for single-ended or AC coupled
interfaces. The VBB pin, an internally generated voltage supply, is
available to this device only. For single-ended input conditions, the
unused differential input is connected to VBB as a switching reference
voltage. VBB may also rebias AC coupled inputs. When used,
decouple VBB and VCC via a 0.01 mF capacitor and limit current
sourcing or sinking to 0.5 mA. When not used, VBB should be left
open.
The 100 Series contains temperature compensation.
Features
Useful as Either 4:1 or 2:1 Multiplexer
VBB Output for Single-Ended Operation
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors on All Inputs
Q Outputs Will Default LOW with Inputs Open or at VEE
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
SOIC−16
D SUFFIX
CASE 751B−05
1
16
MARKING DIAGRAMS*
1
16
10EL57G
AWLYWW
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
1
16
100EL57G
AWLYWW
*For additional marking information, refer to
Application Note AND8002/D.
www.onsemi.com
ORDERING INFORMATION
Device
Package
Shipping†
MC10EL57DG
SOIC−16 NB
(Pb-Free)
48 Units/Tube
MC10EL57DR2G
2500 Tape & Reel
MC100EL57DR2G
2500 Tape & Reel
MC100EL57DG
48 Units/Tube
SOIC−16 NB
(Pb-Free)
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOIC−16 NB
(Pb-Free)
SOIC−16 NB
(Pb-Free)


Similar Part No. - MC100EL57DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL57DR2G ONSEMI-MC100EL57DR2G Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
More results

Similar Description - MC100EL57DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57_14 Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
MC10EL57 ONSEMI-MC10EL57_06 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC10E164 ONSEMI-MC10E164_16 Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
MC10E158 ONSEMI-MC10E158_16 Datasheet
154Kb / 8P
   5V ECL 5?륛it 2:1 Multiplexer
July, 2016 ??Rev. 10
MC100LVEL56 ONSEMI-MC100LVEL56_16 Datasheet
154Kb / 6P
   3.3V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 13
MC10E157 ONSEMI-MC10E157_06 Datasheet
125Kb / 8P
   5 V ECL Quad 2:1 Multiplexer
November, 2006 ??Rev. 9
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com