Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL58DR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100EL58DR2G
Description  5.0V ECL 2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL58DR2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC100EL58DR2G Datasheet HTML 1Page - ON Semiconductor MC100EL58DR2G Datasheet HTML 2Page - ON Semiconductor MC100EL58DR2G Datasheet HTML 3Page - ON Semiconductor MC100EL58DR2G Datasheet HTML 4Page - ON Semiconductor MC100EL58DR2G Datasheet HTML 5Page - ON Semiconductor MC100EL58DR2G Datasheet HTML 6Page - ON Semiconductor MC100EL58DR2G Datasheet HTML 7Page - ON Semiconductor MC100EL58DR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10EL58, MC100EL58
www.onsemi.com
5
Table 8. 100EL SERIES NECL DC CHARACTERISTICS (VCC= 0.0 V; VEE= −5.0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
14
17
14
17
16
19
mA
VOH
Output HIGH Voltage (Note 2)
−1085 −1005
−880
−1025
−955
−880
−1025
−955
−880
mV
VOL
Output LOW Voltage (Note 2)
−1830 −1695 −1555 −1810 −1705 −1620 −1810 −1705 −1620
mV
VIH
Input HIGH Voltage
−1165
−880
−1165
−880
−1165
−880
mV
VIL
Input LOW Voltage
−1810
−1475 −1810
−1475 −1810
−1475
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V.
2. Outputs are terminated through a 50 ohm resistor to VCC−2 volts.
Table 9. AC CHARACTERISTICS (VCC= 5.0 V; VEE= 0.0 V or VCC= 0.0 V; VEE= −5.0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
1.5
GHz
tPLH
tPHL
Propagation Delay to Output
D to Q
SEL to Q
60
90
220
250
380
410
120
150
230
260
340
370
140
170
250
280
360
390
ps
tJITTER
Random Clock Jitter (RMS)
0.9
ps
tr
tf
Output Rise/Fall Times Q
(20% − 80%)
100
225
350
100
225
350
100
225
350
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. 10 Series: VEE can vary +0.06 V / −0.5 V.
100 Series: VEE can vary +0.8 V / −0.5 V.
Figure 2. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 3.0 V


Similar Part No. - MC100EL58DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL58DR2G ONSEMI-MC100EL58DR2G Datasheet
143Kb / 9P
   5.0 V ECL 2:1 Multiplexer
December, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com