Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ELT20DG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100ELT20DG
Description  5V TTL to Differential PECL Translator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100ELT20DG Datasheet(HTML) 4 Page - ON Semiconductor

  MC100ELT20DG Datasheet HTML 1Page - ON Semiconductor MC100ELT20DG Datasheet HTML 2Page - ON Semiconductor MC100ELT20DG Datasheet HTML 3Page - ON Semiconductor MC100ELT20DG Datasheet HTML 4Page - ON Semiconductor MC100ELT20DG Datasheet HTML 5Page - ON Semiconductor MC100ELT20DG Datasheet HTML 6Page - ON Semiconductor MC100ELT20DG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC10ELT20, MC100ELT20
www.onsemi.com
4
Table 7. AC CHARACTERISTICS VCC = 4.75 V to 5.25 V; GND = 0.0 V
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Toggle Frequency
100
100
100
MHz
tPLH
Propagation Delay
1.5 V to 50%
0.6
0.82
1.2
0.6
0.82
1.25
0.6
0.83
1.35
ns
tPHL
Propagation Delay
1.5 V to 50%
0.4
1.0
0.5
0.8
1.1
0.7
1.30
ns
tJITTER
Cycle−to−Cycle Jitter
TBD
TBD
TBD
ps
tr/tf
Output Rise/Fall Time
(20−80%)
0.15
1.5
0.15
1.5
0.15
1.5
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
Figure 2. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50
W
50
W
VTT
VTT = VCC − 2.0 V


Similar Part No. - MC100ELT20DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100ELT20DG ONSEMI-MC100ELT20DG Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
More results

Similar Description - MC100ELT20DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
   5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
logo
Fairchild Semiconductor
100ELT22 FAIRCHILD-100ELT22 Datasheet
119Kb / 5P
   5V Dual TTL to Differential PECL Translator
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
Micrel Semiconductor
SY10ELT20V MICREL-SY10ELT20V_06 Datasheet
119Kb / 6P
   5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
SY10ELT20V MICREL-SY10ELT20V Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Fairchild Semiconductor
100ELT23 FAIRCHILD-100ELT23 Datasheet
114Kb / 5P
   5V Dual Differential PECL to TTL Translator (Preliminary)
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com