Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ELT21DG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100ELT21DG
Description  5 V Differential PECL to TTL Translator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100ELT21DG Datasheet(HTML) 4 Page - ON Semiconductor

  MC100ELT21DG Datasheet HTML 1Page - ON Semiconductor MC100ELT21DG Datasheet HTML 2Page - ON Semiconductor MC100ELT21DG Datasheet HTML 3Page - ON Semiconductor MC100ELT21DG Datasheet HTML 4Page - ON Semiconductor MC100ELT21DG Datasheet HTML 5Page - ON Semiconductor MC100ELT21DG Datasheet HTML 6Page - ON Semiconductor MC100ELT21DG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC10ELT21, MC100ELT21
www.onsemi.com
4
AC CHARACTERISTICS VCC = 4.75 V to 5.25 V; GND = 0.0 V (Note 7)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Toggle Frequency
100
MHz
tJITTER
Random Clock Jitter (RMS)
35
ps
tPLH
Propagation Delay @ 1.5 V
2.0
5.5
2.0
5.5
2.0
5.5
ns
tPHL
Propagation Delay @ 1.5 V
2.0
5.5
2.0
5.5
2.0
5.5
ns
VPP
Input Swing (Note 8)
200
1000
200
1000
200
1000
mV
tr/tf
Output Rise/Fall Time
(10−90%)
750
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
7. RL = 500 W to GND and CL = 20 pF to GND. Refer to Figure 2.
8. VPP(min) is the minimum input swing for which AC parameters are guaranteed. The device has a DC gain of ≈ 40.
Figure 2. TTL Output Loading Used for Device Evaluation
CHARACTERISTIC TEST
CL*RL
AC TEST LOAD
GND
*CL includes
fixture
capacitance
APPLICATION
TTL RECEIVER


Similar Part No. - MC100ELT21DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100ELT21DG ONSEMI-MC100ELT21DG Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
More results

Similar Description - MC100ELT21DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20 Datasheet
417Kb / 11P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC100ELT23 ONSEMI-MC100ELT23_06 Datasheet
134Kb / 8P
   5 V Dual Differential PECL to TTL Translator
December, 2006 ??Rev. 14
MC100ELT23 ONSEMI-MC100ELT23_15 Datasheet
81Kb / 6P
   5 V Dual Differential PECL to TTL Translator
August, 2015 ??Rev. 17
logo
Texas Instruments
SN65ELT22 TI-SN65ELT22 Datasheet
430Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22_2 Datasheet
454Kb / 12P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22_1 Datasheet
397Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com