Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ELT28DG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100ELT28DG
Description  TTL to Differential PECL and Differential PECL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100ELT28DG Datasheet(HTML) 4 Page - ON Semiconductor

  MC100ELT28DG Datasheet HTML 1Page - ON Semiconductor MC100ELT28DG Datasheet HTML 2Page - ON Semiconductor MC100ELT28DG Datasheet HTML 3Page - ON Semiconductor MC100ELT28DG Datasheet HTML 4Page - ON Semiconductor MC100ELT28DG Datasheet HTML 5Page - ON Semiconductor MC100ELT28DG Datasheet HTML 6Page - ON Semiconductor MC100ELT28DG Datasheet HTML 7Page - ON Semiconductor MC100ELT28DG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10ELT28, MC100ELT28
www.onsemi.com
4
Table 7. TTL INPUT DC CHARACTERISTICS VCC = 4.75 V to 5.25 V; TA = −40°C to 85°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
IIH
Input HIGH Current
VIN = 2.7 V
20
mA
IIHH
Input HIGH Current
VIN = 7.0 V
100
mA
IIL
Input LOW Current
VIN = 0.5 V
−0.6
mA
VIK
Input Clamp Diode Voltage
IIN = −18 mA
−1.2
V
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
Table 8. AC CHARACTERISTICS VCC = 4.75 V to 5.25 V (Note 8)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Toggle Frequency
TBD
100
TBD
MHz
tPLH
Propagation Delay @ 1.5 V
DECL to QTTL
DTTL to QECL
2.0
0.6
5.5
1.2
2.0
0.9
1.2
5.5
1.5
2.0
0.6
5.5
1.35
ns
tPHL
Propagation Delay @ 1.5 V
DECL to QTTL
DTTL to QECL
2.0
0.4
5.5
1.0
2.0
0.5
0.8
5.5
1.1
2.0
0.7
5.5
1.3
ns
tr, tf
Rise/Fall Times
QECL
(20% − 80%)
0.15
1.5
0.15
1.5
0.15
1.5
ns
VPP
PECL Input Swing (Note 9)
200
1000
200
1000
200
1000
mV
tr/tf
Output Rise Time (10% − 90%)
Output Fall Time (10% − 90%)
1.6
1.1
ns
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
8. RL = 500 W to GND and CL = 20 pF to GND. Refer to Figure 2.
9. VPP(min) is the minimum input swing for which AC parameters are guaranteed.


Similar Part No. - MC100ELT28DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100ELT28DG ONSEMI-MC100ELT28DG Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
More results

Similar Description - MC100ELT28DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Micrel Semiconductor
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
   5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT21 MICREL-SY10ELT21_07 Datasheet
85Kb / 5P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com