Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC6383CIR33X Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # ILC6383CIR33X
Description  1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC6383CIR33X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  ILC6383CIR33X Datasheet HTML 1Page - Fairchild Semiconductor ILC6383CIR33X Datasheet HTML 2Page - Fairchild Semiconductor ILC6383CIR33X Datasheet HTML 3Page - Fairchild Semiconductor ILC6383CIR33X Datasheet HTML 4Page - Fairchild Semiconductor ILC6383CIR33X Datasheet HTML 5Page - Fairchild Semiconductor ILC6383CIR33X Datasheet HTML 6Page - Fairchild Semiconductor ILC6383CIR33X Datasheet HTML 7Page - Fairchild Semiconductor ILC6383CIR33X Datasheet HTML 8Page - Fairchild Semiconductor ILC6383CIR33X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ILC6383
PRODUCT SPECIFICATION
2
REV. 1.2.6 6/13/02
Pin Assignments
Pin Definitions
Absolute Maximum Ratings (Note 1)
Pin Number
Pin Number
Pin Description
1LX
Inductor input. Inductor L connected between this pin and the battery
2VIN
Input Voltage. Connect directly to battery
3
LBI/SD
Low battery detect input and shutdown. Low battery detect threshold is
set with this pin using a potential divider. If this pin is pulled to logic low
then the device will shutdown.
4
SEL
Select Input. A low logic level signal applied to this pin selects PFM
operation mode. If the pin is left open or high logic level is applied, PWM
mode is selected.
5
POK
(ILC6383CIR-XX)
Power Good Output. This open drain output pin will go high when output
voltage is within regulation, 0.92*VOUT(NOM) < Vthreshold < 0.98*VOUT(NOM)
VFB
(ILC6383CIR-ADJ)
Feedback Input. This pin sets the adjustable output voltage via an
external resistor divider network. The formula for choosing the resistors is
shown in the “Applications Information” section.
6
LBO
This open drain output will go low if the battery voltage is below the low
battery threshold set at pin 3
7
GND
Ground of the IC. Connect this pin to the battery and system ground
8VOUT
Regulated output voltage.
Parameter
Symbol
Ratings
Units
Voltage on VOUT pin
VOUT
-0.3 to 7
V
Voltage on LBI, Sync, LBO, POK, VFB, LX and VIN pins
-
-0.3 to 7
V
Peak switch current on LX pin
ILX
1A
Current on LBO pin
ISINK(LBO)
5
mA
Continuous total power dissipation at 85˚C
PD
315
mW
Short circuit current
ISC
Internally protected
(1 sec. duration)
A
Operating ambient temperature
TA
-40 to 85
°C
Maximum junction temperature
TJ(MAX)
150
°C
Storage temperature
Tstg
-40 to 125
°C
Lead temperature (soldering 10 sec.)
300
°C
Package thermal resistance
θJA
206
°C/W
MSOP
(TOP VIEW)
ILC6383CIR-XX
SEL
LB/SD
VIN
LX
1
2
3
4
5
6
7
8 VOUT
GND
LBO
POK
SEL
LB/SD
1
2
3
4
5
6
7
8
GND
LBO
VFB
MSOP
(TOP VIEW)
ILC6383CIR-ADJ
LX
VIN
VOUT


Similar Part No. - ILC6383CIR33X

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC6380 IMPALA-ILC6380 Datasheet
186Kb / 6P
   SOT-89 STEP-UP DUAL-MODE SWITCHER WITH SHUTDOWN
ILC6380AP-25 IMPALA-ILC6380AP-25 Datasheet
186Kb / 6P
   SOT-89 STEP-UP DUAL-MODE SWITCHER WITH SHUTDOWN
ILC6380AP-33 IMPALA-ILC6380AP-33 Datasheet
186Kb / 6P
   SOT-89 STEP-UP DUAL-MODE SWITCHER WITH SHUTDOWN
ILC6380AP-50 IMPALA-ILC6380AP-50 Datasheet
186Kb / 6P
   SOT-89 STEP-UP DUAL-MODE SWITCHER WITH SHUTDOWN
ILC6380BP-25 IMPALA-ILC6380BP-25 Datasheet
186Kb / 6P
   SOT-89 STEP-UP DUAL-MODE SWITCHER WITH SHUTDOWN
More results

Similar Description - ILC6383CIR33X

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC6382 IMPALA-ILC6382 Datasheet
1Mb / 19P
   1-CELL TO 3-CELL BOOST WITH TRUE LOAD DISCONNECT, 3.3V, 5V OR ADJUSTABLE OUTPUT
logo
Maxim Integrated Produc...
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
   3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
logo
Micro Linear Corporatio...
ML4769 MICRO-LINEAR-ML4769 Datasheet
240Kb / 8P
   2 Cell, Adjustable Output Boost Regulator with Load Disconnect
ML4770 MICRO-LINEAR-ML4770 Datasheet
239Kb / 8P
   2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Maxim Integrated Produc...
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
logo
STMicroelectronics
ST777 STMICROELECTRONICS-ST777 Datasheet
344Kb / 11P
   LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER
October 2002
logo
Maxim Integrated Produc...
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
   1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
logo
Linear Technology
LTC1502-3.3 LINER-LTC1502-3.3 Datasheet
171Kb / 8P
   Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
LTC1502-3.3 LINER-LTC1502-3.3_15 Datasheet
177Kb / 8P
   Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com