Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA338 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA338
Description  Wide-Temperature, Precision INSTRUMENTATION AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA338 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA338 Datasheet HTML 6Page - Texas Instruments INA338 Datasheet HTML 7Page - Texas Instruments INA338 Datasheet HTML 8Page - Texas Instruments INA338 Datasheet HTML 9Page - Texas Instruments INA338 Datasheet HTML 10Page - Texas Instruments INA338 Datasheet HTML 11Page - Texas Instruments INA338 Datasheet HTML 12Page - Texas Instruments INA338 Datasheet HTML 13Page - Texas Instruments INA338 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
INA337, INA338
11
SBOS222A
www.ti.com
INPUT AND OUTPUT VOLTAGE
The INA337 and INA338 feature nearly rail-to-rail input
behavior, with the linear input voltage range extending from
0.25V above the negative rail to 0.1V above the positive rail.
The output is able to swing to within 0.25V of the negative rail
and 0.075V of the positive rail. See Typical Characteristics
Curve “Output Swing to the Negative Rail” for additional
detail.
The INA337 uses a new, unique internal circuit topology
that provides near rail-to-rail input. Unlike other instru-
mentation amplifiers, it can linearly process inputs from
0.25V above the negative rail to 0.1V beyond the positive
rail. Conventional instrumentation amplifier circuits cannot
deliver such performance, even if rail-to-rail op amps are
used.
The ability to reject common-mode signals is derived in
most instrumentation amplifiers through a combination of
amplifier CMR and accurately matched resistor ratios. The
INA337 converts the input voltage to a current. Current-
mode signal processing provides rejection of common-
mode input voltage and power-supply variation without
accurately matched resistors.
The topology of the INA337 avoids aliasing issues that
appear in instrumentation amplifiers that use sampled
data techniques.
A simplified diagram shows the basic circuit function. The
differential input voltage, (VIN+) – (VIN–) is applied across
R1. The signal-generated current through R1 comes from
A1 and A2’s output stages. A2 combines the current in R1
with a mirrored replica of the current from A1. The result-
ing current in A2’s output and associated current mirror is
two times the current in R1. This current flows in (or out)
of pin 5 into R2. The resulting gain equation is:
G
R
R
=
2 2
1
Amplifiers A1, A2 and their associated mirrors are pow-
ered from internal charge-pumps that provide voltage
supplies that are beyond the positive negative supply. As
a result, the voltage developed on R2 can actually swing
100mV
above the positive power-supply rail. A3 provides
a buffered output of the voltage on R2. A3’s input stage is
also operated from the charge-pumped power supplies for
true rail-to-rail operation.
FIGURE 4. Simplified Circuit Diagram.
INSIDE THE INA337
INPUT PROTECTION
The inputs of the INA337 are protected with internal diodes
connected to the power-supply rails. These diodes will clamp the
applied signal to prevent it from damaging the input circuitry. If the
input signal voltage can exceed the power supplies by more than
0.5V, the input signal current should be limited to less than 10mA
to protect the internal clamp diodes. This can generally be done
with a series input resistor. Some signal sources are inherently
current-limited and do not require limiting resistors.
A1
V+
V–
Current Mirror
Current Mirror
I
R1
I
R1
I
R1
R
1
R
2
C
2
V
O
V
IN–
V
IN+
I
R1
2I
R1
2I
R1
2I
R1
2I
R1
2I
R1
A3
A2
IA
COMMON
0.1
µF
Current Mirror
Current Mirror


Similar Part No. - INA338

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA338 TI1-INA338 Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA338AIDGSR TI1-INA338AIDGSR Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA338AIDGST TI1-INA338AIDGST Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA338

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com