Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC12E24104A6 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # EC12E24104A6
Description  Insulated shaft type with a wide variety of applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC12E24104A6 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  EC12E24104A6 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC12E24104A6 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC12E24104A6 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC12E24104A6 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC12E24104A6 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC12E24104A6 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
290
12mm Size Insulated Shaft Type/Product Varieties
12mm Size Insulated Shaft Type / Switch Specifications
Switch type
Momentary push switch
Contact arrangement
Single pole and single throw(Push-on)
Travel(mm)
0.5±0.3
Operating force
3 +1.5
− 1 N, 6
+ 2.5
− 2 N
Operating life
30,000 times
Electrical
performance
Rating
1mA 5V DC (10mA 5V DC max. ratings)
Contact resistance
100mΩ max. for initial period, 200mΩ max. after operating life.
Insulation resistance
100MΩ min. 250V DC
Voltage proof
300V AC for 1 minute or 360V AC for 1s
Shaft Dimensions
Flat Type
Unit:mm
With bushing type
High collar type
LM1
R1
20
25
30
35
A
5
5
7
12
12
12
LM1
R1
17.5
20
22.5
25
5
7
7
12
12
30
Detailed dimensions
Excluding the 12 detent type
※ Not available for types without detents
Detailed dimensions
LM1
R1
Mounting surface
Locating lug detail
No thread area
1
3.5
LM1
7
5.5
3.5
M9x0.75
Mounting surface
R1
A
14
12.4
(8.2)
2.5
X
X
Y
Y


Similar Part No. - EC12E24104A6

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC12E24104A6 ALPS-EC12E24104A6 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
EC12E24104A6 ALPS-EC12E24104A6 Datasheet
878Kb / 6P
   12mm Size Insulated Shaft Type
logo
List of Unclassifed Man...
EC12E24104A6 ETC-EC12E24104A6 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - EC12E24104A6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
   12mm Size Insulated Shaft Type Encoder Variety
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
logo
Rochester Electronics
CLC425A ROCHESTER-CLC425A Datasheet
609Kb / 1P
   ULTRA LOW NOISE OP AMP with a wide variety of applications Operational Amplifier
logo
Vishay Siliconix
AN501 VISHAY-AN501 Datasheet
137Kb / 11P
   The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
03-Aug-99
logo
Unity Opto Technology
MAL-C065R UOT-MAL-C065R Datasheet
42Kb / 2P
   Striped type light source designed for a variety of applications
MAL-C002R UOT-MAL-C002R Datasheet
42Kb / 2P
   Striped type light source designed for a variety of applications
logo
Omron Electronics LLC
E52-P10AE OMRON-E52-P10AE Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com